Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7221R Datasheet(PDF) 9 Page - International Rectifier

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7221R Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIPS7221R Datasheet HTML 5Page - International Rectifier AUIPS7221R Datasheet HTML 6Page - International Rectifier AUIPS7221R Datasheet HTML 7Page - International Rectifier AUIPS7221R Datasheet HTML 8Page - International Rectifier AUIPS7221R Datasheet HTML 9Page - International Rectifier AUIPS7221R Datasheet HTML 10Page - International Rectifier AUIPS7221R Datasheet HTML 11Page - International Rectifier AUIPS7221R Datasheet HTML 12Page - International Rectifier AUIPS7221R Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AUIPS7221R
www.irf.com
9
Figure 9
– Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
0 .0 1
0 .1
1
10
10 0
1e - 5
1e - 4
1e - 3
1e - 2
1e - 1
1e + 0
1e + 1
1e + 2
1e + 3
0
1
2
3
4
5
-50
0
50
100
150
Tj, junction temperature (°C)
Figure 10
– Icc off (µA) Vs Tj (°C)
0.00
0.05
0.10
0.15
0.20
0
10
20
30
40
50
Figure 11
– Icc off(A) Vs Vcc (V)
Vcc, supply voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com