Electronic Components Datasheet Search
  English  ▼

X  

VLZ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # VLZ
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VLZ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  VLZ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VLZ Series
500 mW
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener Voltage Range 2.2 to 39 Volts
QUADRO Mini-MELF Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And
Terminals are Readily Solderable
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Value
Units
Power Dissipation
PD
500
mW
Operating Junction and Storage Temperature
Range
TJ, TSTG
175, -65~175
℃
*These ratings are limiting values above which the serviceability of the diode may be impaired.
QUADRO Mini-MELF
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.35
0.45
D
1.8 Typ.
D
A
C
C
B
Cathode
Anode


Similar Part No. - VLZ_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLZ11A VISHAY-VLZ11A Datasheet
215Kb / 8P
Small Signal Zener Diodes
15-Aug-07
VLZ11A VISHAY-VLZ11A Datasheet
110Kb / 7P
Small Signal Zener Diodes
30-Jan-12
VLZ11B VISHAY-VLZ11B Datasheet
215Kb / 8P
Small Signal Zener Diodes
15-Aug-07
VLZ11B VISHAY-VLZ11B Datasheet
110Kb / 7P
Small Signal Zener Diodes
30-Jan-12
VLZ11C VISHAY-VLZ11C Datasheet
215Kb / 8P
Small Signal Zener Diodes
15-Aug-07
More results

Similar Description - VLZ_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ Datasheet
422Kb / 5P
Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com