Electronic Components Datasheet Search
  English  ▼

X  

VLZ Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # VLZ
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VLZ Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  VLZ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VLZ Series
500 mW
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Device
Type
Tolerance
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(μA)
Max
VR
(Volts)
VZ
(Min)
VZ
(Max)
VLZ12V
A
11.13
11.71
10
9.5
95
0.5
0.133
9.0
B
11.44
12.03
C
11.74
12.35
VLZ13V
A
12.11
12.75
10
11.4
95
0.5
0.133
10
B
12.55
13.21
C
12.99
13.66
VLZ15V
A
13.44
14.13
10
13.3
95
0.5
0.133
11
B
13.89
14.62
C
14.35
15.09
VLZ16V
A
14.80
15.57
10
15.2
132
0.5
0.133
12
B
15.25
16.04
C
15.69
16.51
VLZ18V
A
16.22
17.06
10
19.4
123
0.5
0.133
13
B
16.82
17.70
C
17.42
18.33
VLZ20V
A
18.02
18.96
10
23.5
170
0.5
0.133
15
B
18.63
19.59
C
19.23
20.22
D
19.72
20.72
VLZ22V
A
20.15
21.2
5
25.6
170
0.5
0.133
17
B
20.64
21.71
C
21.08
22.17
D
21.52
22.63
VLZ24V
A
22.05
23.18
5
29.0
170
0.5
0.133
19
B
22.61
23.77
C
23.12
24.31
D
23.63
24.85
VLZ27V
A
24.26
25.52
5
38.0
210
0.5
0.133
21
B
24.97
26.26
C
25.63
26.95
D
26.29
27.64
VLZ30V
A
26.99
28.39
5
46.0
210
0.5
0.133
23
B
27.70
29.13
C
28.36
29.82
D
29.02
30.51
VLZ33V
A
29.68
31.22
5
55.0
210
0.5
0.133
25
B
30.32
31.88
C
30.90
32.50
D
31.49
33.11
VLZ36V
A
32.14
33.79
5
63.0
210
0.5
0.133
27
B
32.79
34.49
C
33.40
35.13
D
34.01
35.77
VLZ39V
A
34.68
36.47
5
72.0
210
0.5
0.133
30
B
35.36
37.19
C
36.00
37.85
D
36.63
38.52



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com