Electronic Components Datasheet Search
  English  ▼

X  

MAX186BCAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX186BCAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BCAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX186BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
_______________General Description
The MAX186/MAX188 are 12-bit data-acquisition sys-
tems that combine an 8-channel multiplexer, high-band-
width track/hold, and serial interface together with high
conversion speed and ultra-low power consumption.
The devices operate with a single +5V supply or dual
±5V supplies. The analog inputs are software config-
urable for unipolar/bipolar and single-ended/differential
operation.
The 4-wire serial interface directly connects to SPI™,
QSPI™ and Microwire™ devices without external logic. A
serial strobe output allows direct connection to TMS320
family digital signal processors. The MAX186/MAX188
use either the internal clock or an external serial-interface
clock to perform successive-approximation A/D conver-
sions. The serial interface can operate beyond 4MHz
when the internal clock is used.
The MAX186 has an internal 4.096V reference while the
MAX188 requires an external reference. Both parts
have a reference-buffer amplifier that simplifies gain
trim .
The MAX186/MAX188 provide a hard-wired
SHDN pin
and two software-selectable power-down modes.
Accessing the serial interface automatically powers up
the devices, and the quick turn-on time allows the
MAX186/MAX188 to be shut down between every
conversion. Using this technique of powering down
between conversions, supply current can be cut to
under 10µA at reduced sampling rates.
The MAX186/MAX188 are available in 20-pin DIP and
SO packages, and in a shrink small-outline package
(SSOP), that occupies 30% less area than an 8-pin DIP.
For applications that call for a parallel interface, see the
MAX180/MAX181 data sheet. For anti-aliasing filters,
consult the MAX274/MAX275 data sheet.
________________________Applications
Portable Data Logging
Data-Acquisition
High-Accuracy Process Control
Automatic Testing
Robotics
Battery-Powered Instruments
Medical Instruments
____________________________Features
o 8-Channel Single-Ended or 4-Channel
Differential Inputs
o Single +5V or ±5V Operation
o Low Power: 1.5mA (operating mode)
2µA (power-down mode)
o Internal Track/Hold, 133kHz Sampling Rate
o Internal 4.096V Reference (MAX186)
o SPI-, QSPI-, Microwire-, TMS320-Compatible
4-Wire Serial Interface
o Software-Configurable Unipolar or Bipolar Inputs
o 20-Pin DIP, SO, SSOP Packages
o Evaluation Kit Available
______________Ordering Information
Ordering Information continued on last page.
† NOTE: Parts are offered in grades A, B, C and D (grades defined
in Electrical Characteristics). When ordering, please specify grade.
Contact factory for availability of A-grade in SSOP package.
*
Dice are specified at +25°C, DC parameters only.
* * Contact factory for availability and processing to MIL-STD-883.
TEMP. RANGE
Low-Power, 8-Channel,
Serial 12-Bit ADCs
________________________________________________________________ Maxim Integrated Products
1
PART†
PIN-PACKAGE
MAX186_CPP
20 Plastic DIP
MAX186_CWP
20 SO
20 SSOP
MAX186DC/D
Dice*
MAX186_EPP
20 Plastic DIP
MAX186_CAP
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
DIP/SO/SSOP
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
VREF
SHDN
VSS
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MAX186
MAX188
____________________Pin Configuration
0°C to +70°C
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX186_EWP
20 SO
MAX186_EAP
-40°C to +85°C
20 SSOP
MAX186_MJP
-55°C to +125°C
20 CERDIP**
SPI and QSPI are registered trademarks of Motorola.
Microwire is a registered trademark of National Semiconductor.
-40°C to +85°C
-40°C to +85°C
19-0123; Rev. 4; 8/96
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX186BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX1864 MAXIM-MAX1864 Datasheet
384Kb / 25P
xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864-MAX1865 MAXIM-MAX1864-MAX1865 Datasheet
384Kb / 25P
xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864TEEE MAXIM-MAX1864TEEE Datasheet
384Kb / 25P
xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864UEEE MAXIM-MAX1864UEEE Datasheet
384Kb / 25P
xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
More results

Similar Description - MAX186BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com