Electronic Components Datasheet Search
  English  ▼

X  

MAX186BCAP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX186BCAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BCAP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX186BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 21Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 22Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 23Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
21
*Title : MAX186.ASM
* Description :
*
This is a shell program for using a stand-alone 68HC16 without any external memory. The internal 1K RAM
*
is put into bank $0F to maintain 68HC11 code compatibility. This program was written with software
*
provided in the Motorola 68HC16 Evaluation Kit.
*
* Roger J.A. Chen, Applications Engineer
* MAXIM Integrated Products
* November 20, 1992
*
******************************************************************************************************************************************************
INCLUDE
‘EQUATES.ASM’ ;Equates for common reg addrs
INCLUDE
‘ORG00000.ASM’ ;initialize reset vector
INCLUDE
‘ORG00008.ASM’ ;initialize interrupt vectors
ORG
$0200
;start program after interrupt vectors
INCLUDE ‘INITSYS.ASM’
;set EK=F,XK=0,YK=0,ZK=0
;set sys clock at 16.78 MHz, COP off
INCLUDE ‘INITRAM.ASM’
;turn on internal SRAM at $10000
;set stack (SK=1, SP=03FE)
MAIN:
JSR
INITQSPI
MAINLOOP:
JSR
READ186
WAIT:
LDAA
SPSR
ANDA
#$80
BEQ
WAIT
;wait for QSPI to finish
BRA MAINLOOP
ENDPROGRAM:
INITQSPI:
;This routine sets up the QSPI microsequencer to operate on its own.
;The sequencer will read all eight channels of a MAX186/MAX188 each time
;it is triggered. The A/D converter results will be left in the
;receive data RAM. Each 16 bit receive data RAM location will
;have a leading zero, 12 bits of conversion result and three zeros.
;
;Receive RAM Bits 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
;A/D Result
0 MSB
LSB 0 0 0
***** Initialize the QSPI Registers ******
PSHA
PSHB
LDAA
#%01111000
STAA
QPDR
;idle state for PCS0-3 = high
LDAA
#%01111011
STAA
QPAR
;assign port D to be QSPI
LDAA
#%01111110
STAA
QDDR
;only MISO is an input
LDD
#$8008
STD
SPCR0
;master mode,16 bits/transfer,
;CPOL=CPHA=0,1MHz Ser Clock
LDD
#$0000
STD
SPCR1
;set delay between PCS0 and SCK,
Figure 20. MAX186/MAX188 Assembly-Code Listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com