Electronic Components Datasheet Search
  English  ▼

X  

MAX192 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX192
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX192 Datasheet HTML 9Page - Maxim Integrated Products MAX192 Datasheet HTML 10Page - Maxim Integrated Products MAX192 Datasheet HTML 11Page - Maxim Integrated Products MAX192 Datasheet HTML 12Page - Maxim Integrated Products MAX192 Datasheet HTML 13Page - Maxim Integrated Products MAX192 Datasheet HTML 14Page - Maxim Integrated Products MAX192 Datasheet HTML 15Page - Maxim Integrated Products MAX192 Datasheet HTML 16Page - Maxim Integrated Products MAX192 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Most microcontrollers require that conversions occur in
multiples of 8 SCLK clocks; 16 clocks per conversion
will typically be the fastest that a microcontroller can
drive the MAX192. Figure 11b shows the serial-inter-
face timing necessary to perform a conversion every 16
SCLK cycles in external clock mode.
__________ Applications Information
Power-On Reset
When power is first applied and if SHDN is not pulled
low, internal power-on reset circuitry will activate the
MAX192 in internal clock mode, ready to convert with
SSTRB = high. After the power supplies have been sta-
bilized, the internal reset time is 100µs and no conver-
sions should be performed during this phase. SSTRB is
high on power-up and, if CS is low, the first logical 1 on
DIN will be interpreted as a start bit. Until a conversion
takes place, DOUT will shift out zeros.
Reference-Buffer Compensation
In addition to its shutdown function, the SHDN pin also
selects internal or external compensation. The compen-
sation affects both power-up time and maximum conver-
sion speed. Compensated or not, the minimum clock
rate is 100kHz due to droop on the sample-and-hold.
To select external compensation, float SHDN. See the
Typical Operating Circuit, which uses a 4.7µF capacitor
at VREF. A value of 4.7µF or greater ensures stability
and allows operation of the converter at the full clock
speed of 2MHz. External compensation increases
power-up time (see the
Choosing Power-Down Mode
section, and Table 5).
Internal compensation requires no external capacitor at
VREF, and is selected by pulling SHDN high. Internal
compensation allows for shortest power-up times, but is
only available using an external clock and reduces the
maximum clock rate to 400kHz.
Low-Power, 8-Channel,
Serial 10-Bit ADC
______________________________________________________________________________________
13
• • •
• • •
• • •
• • •
tSDV
tSSTRB
PD0 CLOCKED IN
tSTR
SSTRB
SCLK
CS
tSSTRB
• • •
• • • •
•
SSTRB
CS
SCLK
DIN
DOUT
1
4
8
12
18
20
24
START SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1
PD0
B9
MSB
B8
B7
B0
LSB
S1
S0
ACQUISITION
1.5µs (CLK = 2MHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
10µs MAX
A/D STATE
2
3
5
6
7
9
10
11
19
21
22
23
tCONV
Figure 8. External Clock Mode SSTRB Detailed Timing
Figure 9. Internal Clock Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com