Electronic Components Datasheet Search
  English  ▼

X  

MAX192 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX192
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX192 Datasheet HTML 1Page - Maxim Integrated Products MAX192 Datasheet HTML 2Page - Maxim Integrated Products MAX192 Datasheet HTML 3Page - Maxim Integrated Products MAX192 Datasheet HTML 4Page - Maxim Integrated Products MAX192 Datasheet HTML 5Page - Maxim Integrated Products MAX192 Datasheet HTML 6Page - Maxim Integrated Products MAX192 Datasheet HTML 7Page - Maxim Integrated Products MAX192 Datasheet HTML 8Page - Maxim Integrated Products MAX192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
2
_______________________________________________________________________________________
VDD to AGND........................................................... -0.3V to +6V
AGND to DGND.................................................... -0.3V to +0.3V
CH0–CH7 to AGND, DGND ...................... -0.3V to (VDD + 0.3V)
CH0–CH7 Total Input Current.......................................... ±20mA
VREF to AGND .......................................... -0.3V to (VDD + 0.3V)
REFADJ to AGND...................................... -0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................. -0.3V to (VDD + 0.3V)
Digital Outputs to DGND ........................... -0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ......... 889mW
SO (derate 10.00mW/°C above +70°C) ...................... 800mW
SSOP (derate 8.00mW/°C above +70°C) ................... 640mW
CERDIP (derate 11.11mW/°C above +70°C) .............. 889mW
Operating Temperature Ranges
MAX192_C_P ..................................................... 0°C to +70°C
MAX192_E_P .................................................. -40°C to +85°C
MAX192_MJP ............................................... -55°C to +125°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±5%, fCLK = 2.0MHz, external clock (50% duty cycle), 15 clocks/conversion cycle (133ksps), 4.7µF capacitor at VREF pin,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
MAX192A
-3dB rolloff
65kHz, VIN = 4.096Vp-p (Note 3)
External reference, 4.096V
MAX192B
No missing codes over temperature
External reference, 4.096V
CONDITIONS
kHz
800
Full-Power Bandwidth
MHz
4.5
Small-Signal Bandwidth
dB
-75
Channel-to-Channel Crosstalk
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
(up to the 5th harmonic)
dB
66
SINAD
Signal-to-Noise + Distortion Ratio
±1/2
Bits
10
Resolution
LSB
±0.1
Channel-to-Channel
Offset Matching
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±1
Relative Accuracy (Note 2)
LSB
±1
DNL
Differential Nonlinearity
LSB
±2
Offset Error
LSB
±2
Gain Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal clock
5.5
10
Conversion Time (Note 4)
tCONV
External clock, 2MHz, 12 clocks/conversion
6
µs
Track/Hold Acquisition Time
tAZ
1.5
µs
Aperture Delay
10
ns
Aperture Jitter
<50
ps
Internal Clock Frequency
1.7
MHz
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 4.096Vp-p, 133ksps, 2.0MHz external clock)
CONVERSION RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com