Electronic Components Datasheet Search
  English  ▼

X  

MAX196 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX196
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX196 Datasheet HTML 5Page - Maxim Integrated Products MAX196 Datasheet HTML 6Page - Maxim Integrated Products MAX196 Datasheet HTML 7Page - Maxim Integrated Products MAX196 Datasheet HTML 8Page - Maxim Integrated Products MAX196 Datasheet HTML 9Page - Maxim Integrated Products MAX196 Datasheet HTML 10Page - Maxim Integrated Products MAX196 Datasheet HTML 11Page - Maxim Integrated Products MAX196 Datasheet HTML 12Page - Maxim Integrated Products MAX196 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
_______________________________________________________________________________________
9
Table 2. Control-Byte Format
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
PD1
PD0
ACQMOD
RNG
BIP
A2
A1
A0
Table 4. Clock and Power-Down Selection
PD1 PD0
DEVICE MODE
0
0
Normal Operation / External Clock Mode
0
1
Normal Operation / Internal Clock Mode
1
0
Standby Power-Down (STBYPD); clock mode
is unaffected
1
1
Full Power-Down (FULLPD); clock mode is
unaffected
Table 3. Range and Polarity Selection
BIP
RNG
INPUT RANGE (V)
(MAX196)
0
0
0 to 5
0
1
0 to 10
1
0
±5
1
1
±10
Table 5. Channel Selection
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
0
0
0
∗
0
0
1
∗
0
1
0
∗
0
1
1
∗
1
0
0
∗
1
0
1
∗
BIT
NAME
DESCRIPTION
7, 6
PD1, PD0
These two bits select the clock and power-down modes (Table 4).
5
ACQMOD
0 = internally controlled acquisition (6 clock cycles), 1 = externally controlled acquisition
4
RNG
Selects the full-scale voltage magnitude at the input (Table 3).
3
BIP
Selects unipolar or bipolar conversion mode (Table 3).
2, 1, 0
A2, A1, A0
These are address bits for the input mux to select the “on” channel (Table 5).
INPUT RANGE (V)
(MAX198)
0 to VREF/2
0 to VREF
±VREF/2
±VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com