Electronic Components Datasheet Search
  English  ▼

X  

MAX196 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX196
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX196 Datasheet HTML 8Page - Maxim Integrated Products MAX196 Datasheet HTML 9Page - Maxim Integrated Products MAX196 Datasheet HTML 10Page - Maxim Integrated Products MAX196 Datasheet HTML 11Page - Maxim Integrated Products MAX196 Datasheet HTML 12Page - Maxim Integrated Products MAX196 Datasheet HTML 13Page - Maxim Integrated Products MAX196 Datasheet HTML 14Page - Maxim Integrated Products MAX196 Datasheet HTML 15Page - Maxim Integrated Products MAX196 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
results may be read. Input overvoltage protection is
active in all power-down modes. The device returns to
normal operation on the first WR falling edge during
write operation.
Choosing Power-Down Modes
The bandgap reference and reference buffer remain
active in STBYPD mode, maintaining the voltage on the
4.7µF capacitor at the REF pin. This is a “DC” state that
does not degrade after power-down of any duration.
Therefore, you can use any sampling rate with this
mode, without regard to start-up delays.
However, in FULLPD mode, only the bandgap refer-
ence is active. Connect a 33µF capacitor between REF
and AGND to maintain the reference voltage between
conversions and to reduce transients when the buffer is
enabled and disabled. Throughput rates down to 1ksps
can be achieved without allotting extra acquisition time
for reference recovery prior to conversion. This allows
conversion to begin immediately after power-down
ends. If the discharge of the REF capacitor during
FULLPD exceeds the desired limits for accuracy (less
than a fraction of an LSB), run a STBYPD power-down
cycle prior to starting conversions. Take into account
that the reference buffer recharges the bypass capaci-
tor at an 80mV/ms slew rate, and add 50µs for settling
time. Throughput rates of 10ksps offer typical supply
currents of 470µA, using the recommended 33µF
capacitor value.
Auto-Shutdown
Selecting STBYPD on every conversion automatically
shuts the MAX196/MAX198 down after each conversion
without requiring any start-up time on the next conversion.
Transfer Function
Output data coding for the MAX196/MAX198 is binary
in unipolar mode with 1LSB = (FS / 4096) and twos-
complement binary in bipolar mode with 1LSB = [(2 x
|FS|) / 4096]. Code transitions occur halfway between
successive-integer LSB values. Figures 10 and 11
show the input/output (I/O) transfer functions for unipo-
lar and bipolar operations, respectively. For full-scale
(FS) values, refer to Table 1.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
14
______________________________________________________________________________________
OUTPUT CODE
INPUT VOLTAGE (LSB)
0
FS
FS - 3/2 LSB
1 LSB =
FULL-SCALE
TRANSITION
12
3
11... 111
11... 110
11... 101
00... 011
00... 010
00... 001
00... 000
FS
4096
Figure 10. Unipolar Transfer Function
OUTPUT CODE
INPUT VOLTAGE (LSB)
0V
+FS - 1 LSB
1 LSB =
-FS
011... 111
011... 110
000... 001
000... 000
111... 111
100... 010
100... 001
100... 000
2
FS
4096
Figure 11. Bipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com