Electronic Components Datasheet Search
  English  ▼

X  

MAX1971 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1971
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1971 Datasheet HTML 12Page - Maxim Integrated Products MAX1971 Datasheet HTML 13Page - Maxim Integrated Products MAX1971 Datasheet HTML 14Page - Maxim Integrated Products MAX1971 Datasheet HTML 15Page - Maxim Integrated Products MAX1971 Datasheet HTML 16Page - Maxim Integrated Products MAX1971 Datasheet HTML 17Page - Maxim Integrated Products MAX1971 Datasheet HTML 18Page - Maxim Integrated Products MAX1971 Datasheet HTML 19Page - Maxim Integrated Products MAX1971 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
16
______________________________________________________________________________________
Figure 5. Setting the Output Voltage with External Resistors
11
10
3
6
13
12
7
8
4
1
9
16
2
10
Ω
100k
Ω
14
VCC
RSI
EN
COMP1
COMP2
FBSEL1
FBSEL2
GND
REF
VOUT1
RSI
10
µF
10
µF
680pF
RC1
RC2
680pF
0.1
µF
4.7
µH
0.1
µF
LX1
FB1
PGND
IN
MAX1971
5
10
µF
R2a
R2b
R1a
R1b
FB2
15
VOUT2
4.7
µH
LX2
EN
VIN
2.6V TO 5.5V
POR
POR
Figure 6. Setting an Output Below 1.2V
11
10
3
6
13
12
7
8
4
1
9
16
2
10
Ω
100k
Ω
14
VCC
VCC
PFO
EN
COMP1
COMP2
FBSEL1
FBSEL2
GND
REF
VOUT1
1.0V
RSI
100k
Ω
VCC
10
µF
680pF
27k
Ω
68k
Ω
680pF
0.1
µF
4.7
µH
0.1
µF
LX1
FB1
PGND
IN
MAX1970
5
10
µF
R2
13k
Ω
R1
2k
Ω
FB2
15
VOUT2
2.5V
4.7
µH
LX2
EN
VIN
3V TO 3.6V
POR
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com