Electronic Components Datasheet Search
  English  ▼

X  

MAX1971 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1971
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1971 Datasheet HTML 1Page - Maxim Integrated Products MAX1971 Datasheet HTML 2Page - Maxim Integrated Products MAX1971 Datasheet HTML 3Page - Maxim Integrated Products MAX1971 Datasheet HTML 4Page - Maxim Integrated Products MAX1971 Datasheet HTML 5Page - Maxim Integrated Products MAX1971 Datasheet HTML 6Page - Maxim Integrated Products MAX1971 Datasheet HTML 7Page - Maxim Integrated Products MAX1971 Datasheet HTML 8Page - Maxim Integrated Products MAX1971 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VEN = 5V, VFB1 = VFB2 = 1.15V, R POR = 100k
Ω to IN, RPFO = 100kΩ to IN, RSI = 0, CVCC = 0.1µF, CREF = 0.1µF,
FBSEL1 = unconnected, FBSEL2 = unconnected, TA = -40°C to +85°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FBSEL1 = GND
30
120
FB1 Input Resistance
Measured from FB1 to
GND
FBSEL1 = VCC
30
120
k
Ω
FBSEL2 = GND
22.5
90
FB2 Input Resistance
Measured from FB2 to
GND
FBSEL2 = VCC
22.5
90
k
Ω
FB_ Input Bias Current
FB1 or FB2, FBSEL_ = unconnected, VFB1 = VFB2 = 1.15V
0.1
µA
COMP1 AND COMP2
COMP1
Transconductance
FB1 = COMP1,
VCOMP1 = 1.2V
FBSEL1 = unconnected
35
85
µS
COMP2
Transconductance
FB2 = COMP2,
VCOMP2 = 1.2V
FBSEL2 = unconnected
35
85
µS
LX1 AND LX2
VIN = 5.0V
0.32
Internal High-Side
MOSFET On-Resistance
ILX = -180mA
VIN = 3.3V
0.37
Ω
VIN = 5.0V
0.23
Internal Low-Side
MOSFET On-Resistance
ILX = 180mA
VIN = 3.3V
0.25
Ω
LX_ Current-Sense
Transresistance
0.4
0.6
V/A
High side
0.76
1.60
LX_ Current-Limit
Threshold
Duty cycle = 100%,
VIN = 2.6V to 5.5V
Low side
-1.6
-0.40
A
VLX1 = VLX2 = 5.5V
20
LX_ Leakage Current
VIN = 5.5V
VLX1 = VLX2 = 0
-20
µA
MAX1970/MAX1972
1.2
1.6
LX_ Switching Frequency
VIN = 2.6V to 5.5V
MAX1971
0.60
0.80
MHz
MAX1970/MAX1972
20
LX_ Minimum Duty Cycle
VIN = 2.6V to 5.5V
MAX1971
15
%
POR
VOUT rising
94
POR Thresholds
Percentage of VOUT,
VIN = 2.6V to 5.5V
VOUT falling
87
%
MAX1970
13.3
20
POR Delay Time (TD)
MAX1971/MAX1972
140
210
ms
POR Output Current, High
V POR = VIN = 5.5V, VFB1 = VFB2 = 1.15V
-1
1
µA
POR Output Voltage, Low
VFB1 = 1.05V or VFB2 = 1.05V or RSI = IN (MAX1971 only),
IPOR = 1mA
0.05
V
POR Start-Up Voltage
FB1 = FB2 = GND, IPOR = 100µA, VIN = 1.2V
0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com