Electronic Components Datasheet Search
  English  ▼

X  

MAX2015 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2015 Datasheet HTML 2Page - Maxim Integrated Products MAX2015 Datasheet HTML 3Page - Maxim Integrated Products MAX2015 Datasheet HTML 4Page - Maxim Integrated Products MAX2015 Datasheet HTML 5Page - Maxim Integrated Products MAX2015 Datasheet HTML 6Page - Maxim Integrated Products MAX2015 Datasheet HTML 7Page - Maxim Integrated Products MAX2015 Datasheet HTML 8Page - Maxim Integrated Products MAX2015 Datasheet HTML 9Page - Maxim Integrated Products MAX2015 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Controller Mode
The MAX2015 can also be used as a detector/controller
within an AGC loop. Figure 3 depicts one scenario
where the MAX2015 is employed as the controller for a
variable-gain PA. As shown in the figure, the MAX2015
monitors the output of the PA through a directional cou-
pler. An internal integrator (Figure 2) compares the
detected signal with a reference voltage determined by
VSET. The integrator, acting like a comparator, increas-
es or decreases the voltage at OUT, according to how
closely the detected signal level matches the VSET ref-
erence. The MAX2015 adjusts the power of the PA to a
level determined by the voltage applied to SET. With R1 =
0
Ω, the controller mode slope is approximately
19mV/dB (RF = 100MHz).
Layout Considerations
As with any RF circuit, the layout of the MAX2015 circuit
affects the device’s performance. Use an abundant num-
ber of ground vias to minimize RF coupling. Place the
input capacitors (C1, C2) and the bypass capacitors
(C3–C6) as close to the IC as possible. Connect the
bypass capacitors to the ground plane with multiple vias.
0.1GHz to 2.5GHz, 75dB Logarithmic
Detector/Controller
_______________________________________________________________________________________
9
MAX2015
C6
R4
C1
C5
1
2
OUT
SET
VS
C4
C3
4
VCC
VCC
INLO
VOUT
VSET
20k
Ω
20k
Ω
INHI
7
8
RFIN
C2
3
DETECTORS
GND
6
PWDN
5
Figure 2. Controller-Mode Typical Application Circuit
MAX2015
OUT
SET
20k
Ω
20k
Ω
IN
COUPLER
LOGARITHMIC
DETECTOR
TRANSMITTER
POWER AMPLIFIER
GAIN-CONTROL INPUT
SET-POINT
DAC
Figure 3. System Diagram for Automatic Gain-Control Loop
1
2
3
4
8
7
6
5
OUT
SET
GND
PWDN
VCC
INLO
INHI
VCC
MAX2015
µMAX
TOP VIEW
Pin Configuration
Chip Information
TRANSISTOR COUNT: 3157
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com