Electronic Components Datasheet Search
  English  ▼

X  

MAX2015 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2015
Description  0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2015 Datasheet HTML 1Page - Maxim Integrated Products MAX2015 Datasheet HTML 2Page - Maxim Integrated Products MAX2015 Datasheet HTML 3Page - Maxim Integrated Products MAX2015 Datasheet HTML 4Page - Maxim Integrated Products MAX2015 Datasheet HTML 5Page - Maxim Integrated Products MAX2015 Datasheet HTML 6Page - Maxim Integrated Products MAX2015 Datasheet HTML 7Page - Maxim Integrated Products MAX2015 Datasheet HTML 8Page - Maxim Integrated Products MAX2015 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX2015 complete multistage logarithmic amplifier
is designed to accurately convert radio-frequency (RF)
signal power in the 0.1GHz to 2.5GHz frequency range
to an equivalent DC voltage. The outstanding dynamic
range and precision over temperature of this log ampli-
fier make it particularly useful for a variety of base sta-
tion and other wireless applications, including
automatic gain control (AGC), transmitter power mea-
surements, and received signal strength indication
(RSSI) for terminal devices.
The MAX2015 can also be operated in a controller
mode where it measures, compares, and controls the
output power of a variable-gain amplifier as part of a
fully integrated AGC loop.
This logarithmic amplifier provides much wider mea-
surement range and superior accuracy compared to
controllers based on diode detectors, while achieving
excellent temperature stability over the full -40°C to
+85°C operating range.
Applications
AGC Measurement and Control
RF Transmitter Power Measurement
RSSI Measurements
Cellular Base Station, WLAN, Microwave Link,
Radar, and other Military Applications
Features
o Complete RF Detector/Controller
o 0.1GHz to 2.5GHz Frequency Range
o Exceptional Accuracy Over Temperature
o High Dynamic Range
o 2.7V to 5.25V Supply Voltage Range*
o Scaling Stable Over Supply and Temperature
Variations
o Controller Mode with Error Output
o Shutdown Mode with Typically 1µA of Supply
Current
o Available in 8-Pin µMAX Package
0.1GHz to 2.5GHz, 75dB Logarithmic
Detector/Controller
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX2015
7dB
Σ
50
Ω
20k
Ω
SET
OUT
8
7
2
INHI
INLO
3
6
1, 4
PWDN
5
20k
Ω
Σ
7dB
Σ
7dB
VCC
GND
POWER DETECTORS
OFFSET AND COMMON-
MODE AMP
Functional Diagram
19-2998; Rev 1; 12/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX2015EUA-T
-40°C to +85°C
8 µMAX
*See Power-Supply Connections section.


Similar Part No. - MAX2015

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
173Kb / 5P
Complete RF Power Detector/Controller
Rev 0; 12/03
MAX2015EUA MAXIM-MAX2015EUA Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015EUA-T MAXIM-MAX2015EUA-T Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015EVKIT MAXIM-MAX2015EVKIT Datasheet
173Kb / 5P
Complete RF Power Detector/Controller
Rev 0; 12/03
More results

Similar Description - MAX2015

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2016 MAXIM-MAX2016_06 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com