Electronic Components Datasheet Search
  English  ▼

X  

MAX2102 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2102
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2102 Datasheet HTML 5Page - Maxim Integrated Products MAX2102 Datasheet HTML 6Page - Maxim Integrated Products MAX2102 Datasheet HTML 7Page - Maxim Integrated Products MAX2102 Datasheet HTML 8Page - Maxim Integrated Products MAX2102 Datasheet HTML 9Page - Maxim Integrated Products MAX2102 Datasheet HTML 10Page - Maxim Integrated Products MAX2102 Datasheet HTML 11Page - Maxim Integrated Products MAX2102 Datasheet HTML 12Page - Maxim Integrated Products MAX2102 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Direct-Conversion Tuner ICs for
Digital DBS Applications
_______________________________________________________________________________________
9
Pin Description
RF Ground. Connect directly to the ground plane.
GND
9, 11,
19, 24
Automatic Gain-Control Input. Bypass this pin with a 1000pF capacitor close to the pin, to minimize cou-
pling.
AGC
10
Q Channel Baseband Output
QOUT
13
Baseband +5V Supply. Bypass with a 10pF capacitor from this pin to pin 12 (GND), as close to the IC as
possible. Connect an additional 0.1µF capacitor in parallel with the 10pF capacitor (placement less critical).
VCC
14
Q Channel Offset-Correction Noninverting Input. Connect a 0.22µF (typ) capacitor between QDC and QDC.
This capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
QDC
15
Ground (substrate)
GND
5
RF +5V Supply. Bypass with a 22pF capacitor from this pin to pin 9 (GND), as close to the IC as possible.
VCC
6
RF Noninverting Input. Couple through a 22pF capacitor directly to a 50
Ω signal source.
RFIN
7
RF Inverting Input. Connect to a 22pF series capacitor and a 51
Ω resistor to ground.
RFIN
8
RF +5V Supply. Bypass with a 22pF capacitor from this pin to pin 11 (GND), as close to the IC as possible.
VCC
4
Baseband Ground
GND
3, 12
PIN
I Channel Baseband Output
IOUT
2
Baseband +5V Supply. Bypass with a 10pF capacitor from this pin to pin 3 (GND), as close to the IC as
possible. Connect an additional 0.1µF capacitor in parallel with the 10pF capacitor (placement less critical).
VCC
1
FUNCTION
NAME
Q Channel Offset-Correction Inverting Input. Connect a 0.22µF (typ) capacitor between QDC and QDC. This
capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
QDC
16
I Channel Offset-Correction Inverting Input. Connect a 0.22µF (typ) capacitor between IDC and IDC. This
capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
IDC
17
I Channel Offset-Correction Noninverting Input. Connect a 0.22µF (typ) capacitor between IDC and IDC.
This capacitor must be placed as close to the IC as possible (see
Layout Considerations section).
IDC
18
RF +5V Supply. Bypass with a 10pF capacitor from this pin to pin 19 (GND) as close to the IC as possible.
VCC
20
Local-Oscillator Complementary Input Port (Figure 1)
LO
21
Local-Oscillator Input Port (Figure 1)
LO
22
RF +5V Supply. Bypass with a 10pF capacitor from this pin to pin 24 (GND) as close to the IC as possible.
VCC
23
Prescaler Ground. To disable the prescaler, leave this pin open.
PSGND
25
Prescaler Output. Drives CMOS load. Connect 2k
Ω from this pin to GND (if the prescaler is enabled).
PSOUT
26
Prescaler Modulus Control. Leave open when the prescaler is disabled.
MOD
27
Prescaler +5V Supply. Must be connected even if the prescaler is disabled. Bypass with a 1000pF
capacitor.
VCC
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com