Electronic Components Datasheet Search
  English  ▼

X  

MAX2102 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2102
Description  Direct-Conversion Tuner ICs for Digital DBS Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2102 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2102 Datasheet HTML 1Page - Maxim Integrated Products MAX2102 Datasheet HTML 2Page - Maxim Integrated Products MAX2102 Datasheet HTML 3Page - Maxim Integrated Products MAX2102 Datasheet HTML 4Page - Maxim Integrated Products MAX2102 Datasheet HTML 5Page - Maxim Integrated Products MAX2102 Datasheet HTML 6Page - Maxim Integrated Products MAX2102 Datasheet HTML 7Page - Maxim Integrated Products MAX2102 Datasheet HTML 8Page - Maxim Integrated Products MAX2102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AGC Input Bias Current
Direct-Conversion Tuner ICs for
Digital DBS Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V; GND = 0V; PSGND = GND; AGC = 1.3V; MOD = 0.8V; PRFIN = OFF, fLO = 1450.125MHz; PLO = -15dBm;
IOUT, QOUT = open; TA = 0°C to +70°C; unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(MAX2102 EV kit circuit (Figure 1); VCC = +5V; PSGND = open; MOD = GND; fRFIN = 2150MHz; PRFIN = -19dBm; fLO =
2150.125MHz; PLO = -15dBm driven single-ended into LO; AGC set via servo loop for VIOUT = VQOUT = 0.5Vp-p; IOUT, QOUT drive
AC-coupled 100
Ω loads; 2kΩ from PSOUT to GND; TA = +25°C; unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.5V to +7V
RFIN to RFIN ..........................................................................±2V
LO to LO ................................................................................±2V
AGC, MOD, RFIN, RFIN, LO, LO to GND .....-0.5V to (VCC + 0.5V)
AGC Current. ....................................................................±30mA
IDC to IDC, QDC to QDC.......................................................±2V
IOUT or QOUT to GND Short-Circuit Duration ...................10sec
PSOUT to GND Short-Circuit Duration.................................None
IDC, IDC, QDC, QDC to GND ....................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
SO (derate 12.5mW/°C above +70°C) ..........................1.025W
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX2102
0V
≤ VMOD ≤ VCC
CONDITIONS
mA
150
195
Quiescent Supply Current
V
4.75
5.25
Operating Supply Voltage Range
V
2.2
2.6
IOUT, QOUT Common-Mode Voltage
-250
180
V
0.8
MOD Input Low Level
V
2.0
MOD Input High Level
µA
-80
10
MOD Input Bias Current
UNITS
MIN
TYP
MAX
PARAMETER
Refers to single-carrier power generating
VIOUT = VQOUT = 0.5Vp-p,
950MHz < fRFIN < 2150MHz,
950MHz < fLO < 2150MHz (Note 2)
(Note 1)
Refers to single-carrier power generating
VIOUT = VQOUT = 0.5Vp-p,
950MHz < fRFIN < 2150MHz,
950MHz < fLO < 2150MHz (Note 2)
CONDITIONS
dBm
RFIN Maximum Single-Carrier
Input Power
MHz
950
2150
RFIN Carrier Frequency Range
dBm
-69
RFIN Minimum Single-Carrier
Input Power
50
UNITS
MIN
TYP
MAX
PARAMETER
-19
MAX2102
MAX2105
-60
0.5V
≤ VAGC ≤ 4V
dB
41
AGC Range
MAX2102
MAX2105
RF FRONT END
MAX2105
µA
-180
180
AGC Input Bias Current
SUPPLY
CONTROL INPUTS, PRESCALER
0.5V
≤ VAGC ≤ 4V
1V
≤ VAGC ≤ 4V
1V
≤ VAGC ≤ 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com