Electronic Components Datasheet Search
  English  ▼

X  

IR1167AS Datasheet(PDF) 6 Page - International Rectifier

Part # IR1167AS
Description  Secondary side high speed SR controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 6 Page - International Rectifier

Back Button IR1167AS Datasheet HTML 2Page - International Rectifier IR1167AS Datasheet HTML 3Page - International Rectifier IR1167AS Datasheet HTML 4Page - International Rectifier IR1167AS Datasheet HTML 5Page - International Rectifier IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier IR1167AS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IR1167(A,B)S
6
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from – 25° C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =15V is assumed for test condition.
Supply Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage Operating
Range
VCC
12
18
V
GBD
VCC Turn On Threshold
VCC ON
9.8
10.5
11.3
VCC Turn Off Threshold
(Under Voltage Lock Out)
VCC UVLO
8.4
9
9.7
VCC Turn On/Off Hysteresis
VCC HYST
1.4
1.55
1.7
Operating Current
IR1167A
ICC
8.5
10
mA
CLOAD=1nF, fsw=400kHz
50
65
CLOAD=10nF, fsw=400kHz
IR1167B
10.3
12
CLOAD=1nF, fsw=400kHz
66
80
CLOAD=10nF, fsw=400kHz
Quiescent Current
IQCC
1.8
2.2
Start-up Current
ICC START
100
200
µA
VCC=VCC ON - 0.1V
Sleep Current
ISLEEP
150
200
VEN=0V, VCC =15V
Enable Voltage High
VENHI
2.15
2.75
3.2
V
Enable Voltage Low
VENLO
1.2
1.6
2
Enable Pull-up Resistance
REN
1.5
M
Ω
GBD
Comparator Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Turn-off Threshold
VTH1
-7
-3.5
0
mV
OVT = 0V, VS=0V
-15
-10.5
-7
OVT floating, VS=0V
-23
-19
-15
OVT = VCC, VS=0V
Turn-on Threshold
VTH2
-150
-50
Hysteresis
VHYST
55
Input Bias Current
IIBIAS1
1
7.5
µA
VD = -50mV
IIBIAS2
30
100
VD = 200V
Comparator Input Offset
VOFFSET
2
mV
GBD
Input CM Voltage Range
VCM
-0.15
2
V
One-Shot Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Blanking pulse duration
tBLANK
9
15
25
µs
Reset Threshold
VTH3
2.5
V
VCC=10V - GBD
5.4
VCC=20V - GBD
Hysteresis
VHYST3
40
mV
VCC=10V - GBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com