Electronic Components Datasheet Search
  English  ▼

X  

IR1167AS Datasheet(PDF) 1 Page - International Rectifier

Part # IR1167AS
Description  Secondary side high speed SR controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 1 Page - International Rectifier

  IR1167AS Datasheet HTML 1Page - International Rectifier IR1167AS Datasheet HTML 2Page - International Rectifier IR1167AS Datasheet HTML 3Page - International Rectifier IR1167AS Datasheet HTML 4Page - International Rectifier IR1167AS Datasheet HTML 5Page - International Rectifier IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IR1167(A,B)S
1
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
SMARTRECTIFIER
TM CONTROL IC
Features
 Secondary side high speed SR controller
 DCM, CrCM and CCM flyback topologies
 200 V proprietary IC technology
 Max 500 KHz switching frequency
 Anti-bounce logic and UVLO protection
 7 A peak turn off drive current
 Micropower start-up & ultra low quiescent current
 10.7 / 14.5 V gate drive clamp
 50ns turn-off propagation delay
 Vcc range from 11.3 V to 20 V
 Direct sensing of MOSFET drain voltage
 Minimal component count
 Simple design
 Lead-free
 Compatible with 1 W Standby, Energy Star, CECP, etc.
Typical Applications
LCD
&
PDP
TV,
Telecom
SMPS,
AC-DC
adapters, ATX SMPS, Server SMPS
Product Summary
Topology
Flyback
VD
200 V
VOUT
IR1167A
10.7 V
IR1167B
14.5 V
Io+ & I o- (typ.)
+2 A / -7 A
Turn on Propagation
Delay (typ.)
60 ns
Turn off Propagation
Delay (typ.)
40 ns
Package Options
8-Lead SOIC
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IR1167AS
SOIC8N
Tape and Reel
2500
IR1167ASTRPBF
IR1167BS
Tape and Reel
2500
IR1167BSTRPBF


Similar Part No. - IR1167AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167AS IRF-IR1167AS Datasheet
1Mb / 25P
SMARTRECTIFIERTM CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1167ASTRPBF IRF-IR1167ASTRPBF Datasheet
1Mb / 25P
SMARTRECTIFIERTM CONTROL IC
More results

Similar Description - IR1167AS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
Secondary-Side PWM Controller
logo
International Rectifier
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
SmartRectifier CONTROL IC Secondary side high speed SR controller
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
International Rectifier
IR1166S IRF-IR1166S_15 Datasheet
1Mb / 25P
Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
Secondary side high speed SR controller
IR11662S IRF-IR11662S_15 Datasheet
669Kb / 26P
Secondary side high speed SR controller
IR11672AS IRF-IR11672AS_15 Datasheet
633Kb / 26P
Secondary side high speed SR controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com