Electronic Components Datasheet Search
  English  ▼

X  

IR2111 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2111
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2111 Datasheet HTML 7Page - International Rectifier IR2111 Datasheet HTML 8Page - International Rectifier IR2111 Datasheet HTML 9Page - International Rectifier IR2111 Datasheet HTML 10Page - International Rectifier IR2111 Datasheet HTML 11Page - International Rectifier IR2111 Datasheet HTML 12Page - International Rectifier IR2111 Datasheet HTML 13Page - International Rectifier IR2111 Datasheet HTML 14Page - International Rectifier IR2111 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
IR2111(S)&(PbF)
12
www.irf.com
Frequency (Hz)
Figure33. IR2111 TJ vs. Frequency (IRFBC40)
RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Frequency (Hz)
Figure 34. IR2111 TJ vs. Frequency (IRFPC50)
RGATE = 10
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Frequency (Hz)
Figure 31. IR2111 TJ vs. Frequency (IRFBC20)
RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Frequency (Hz)
Figure 32. IR2111 TJ vs. Frequency (IRFBC30)
RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320
160
30V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320V
160V
30V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320V 160V
30V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320V 160V 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com