Electronic Components Datasheet Search
  English  ▼

X  

ADE-8208 Datasheet(PDF) 2 Page - Level One

Part # ADE-8208
Description  8-Port DVI Broadcaster with Audio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ADE-8208 Datasheet(HTML) 2 Page - Level One

  ADE-8208 Datasheet HTML 1Page - Level One ADE-8208 Datasheet HTML 2Page - Level One ADE-8208 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
Audio/Video Extenders

Product Diagram
Speakers
ADE-8011
LCD Monitor
Projector
Plasma
ADE-8001
Local
Monitor
ADE-8208
ADE-8002
Display w/ DVI Connector
Ethernet Cable (RJ 45)
Phone Line (RJ 11)
DVI Cable
PC
Technical Specifications
ADE-8201
ADE-8202
ADE-8204
ADE-8208
1 Port DVI
2 Port DVI
4 Port DVI
8Port DVI
Transmitter
Broadcaster with
Broadcaster with
Broadcaster with
Audio
Audio
Audio
-
-
-
1
2
4
8
1
1
1
1
-
1
1
1
-
-
-
-
-
2
4
8
Tranmitting over standard DVI cable up to 10 meters
-
Transmitting over standard DVI cable, DVI resolution 1920 x1200@10m
Transmitting over Cat5/6/7 Cable DVI resolution for ADE-8001 is 800 x 600@20m, 1024 x 768@15m, 1280 x 1024@10m
for ADE-8002 is 800 x 600@80m, 1024 x 768@70m, 1280 x 1024@60m, 1920 x 1200@35m
-
DVI-D
Stereo
-
DC 5V, 2A
DC 5V, 2A
DC 5V, 3A
58 x 40 x 17
194 x 87 x 24
240 x 130 x 44
240 x 130 x 44
0° C ~50° C
0° C ~60° C
0° C ~60° C
0° C ~60° C
0° C ~50° C
0° C ~60° C
0° C ~60° C
0° C ~60° C
70% ~ 25%Non-Condensing
ModelNo.
ProductName
RJ-45AVInput
RJ-45AVOutput
DVIInput
DVIOutput
Audio(RJ-11)Input
Audio(RJ-11)Output
MaxDistance&
Resolution
Cascadable
SignalType
Audio
PowerConsumption
Dimensions(mm)
OperatingTemp.
StorageTemp.
Humidity
DVITransmitter
DVIInput
DVIOutput
RJ-45Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com