Electronic Components Datasheet Search
  English  ▼

X  

ADE-8208 Datasheet(PDF) 1 Page - Level One

Part # ADE-8208
Description  8-Port DVI Broadcaster with Audio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

ADE-8208 Datasheet(HTML) 1 Page - Level One

  ADE-8208 Datasheet HTML 1Page - Level One ADE-8208 Datasheet HTML 2Page - Level One ADE-8208 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

8-Port DVI Broadcaster
with Audio
ADE-8208
LevelOne DVI-Broadcaster Series
The LevelOne DVI Broadcaster Series is the perfect
solution for malls, plazas, stations, supermarkets or
any other environment where real-time information
needs to be displayed at different remote viewing
locations without the loss of resolution.
The ADE-8200 DVI Broadcaster series from LevelOne
is a cost-effective alternative to expensive systems
currently available. Without loosing resolution or
sound quality, the LevelOne broadcaster series can
broadcast DVI video signals over Cat5/5e/6 and stereo
audio over 4-wire phone cabling to remote monitors
at standard 1024x768 resolution 70 meters away.
Further, the broadcaster series has stackable
capability to expand transmission of DVI signals to
additional viewing stations. By utilizing the multi
H/W Version: 2
ADE-8002
Long-Range DVI Receiver
ADE-8011
Cat.5 Audio Transmitter/
Receiver
Key Features
- Transmits DVI signal via Cat.5, Cat.5e, Cat.6 cable
- Transmits stereo audio via 4-wire phone cable
- DVI signal transmission distance up to 70 meters at
1024 x 768 resolution
- Supports high DVI resolution up to 1920 x 1200
- Easy installation and no software required
Works Well With
port broadcasters (ADE-8202, 8204 and 8208), users
can scale out the original DVI signal with audio to 81
remote monitor locations.
The single port transmitter (ADE-8201), coupled
with the ADE-8002 long range DVI receiver, is able to
transmit a DVI signal to a remote viewing station 70
meters away. Coupled with the short range receiver
(ADE-8001) the single port transmitter transmits the
DVI signal to a remote viewing station 15 meters away.
The LevelOne DVI-broadcaster series is the best
solution at the most competitive pricing compared
to other leading brands. Not only is it possible to
use inexpensive Cat5 cabling without the loss of
any resolution, but also provides for a more cost-
competitive solution that has direct impact on lower
installation, maintenance and management costs.
1. LED Indicators
2. Power Jack
3. DVI Input Port
4. Audio Input Port
5. RJ-45 to Receive Port
(ADE-8002)
6. RJ-11 to Receive Port
(ADE-8011)
7. DVI Output Port
8. Audio Output Port
1
6
5
4
3
2
7
8
5
6


Similar Part No. - ADE-8208

ManufacturerPart #DatasheetDescription
logo
Level One
ADE-8204 LVL1-ADE-8204 Datasheet
222Kb / 3P
4-Port DVI Broadcaster with Audio
More results

Similar Description - ADE-8208

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B043DUA8SL TRIPPLITE-B043DUA8SL Datasheet
492Kb / 2P
8-Port 1U Rack-Mount DVI - USB KVM Switch with Audio and 2-port USB Hub
logo
Level One
ADE-8204 LVL1-ADE-8204 Datasheet
222Kb / 3P
4-Port DVI Broadcaster with Audio
AVE-9201 LVL1-AVE-9201 Datasheet
791Kb / 2P
1-port Cat.5 Audio/Video Broadcaster
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
5-port Cat.5 Audio/Video Broadcaster
KVM-0260 LVL1-KVM-0260 Datasheet
623Kb / 3P
2-Port Cable KVM Switch, DVI, USB, Audio
logo
Tripp Lite. All Rights ...
B043-DUA8-SL TRIPPLITE-B043-DUA8-SL Datasheet
489Kb / 2P
8-Port 1U Rack-Mount DVI / USB KVM Switch with Audio and 2-port USB Hub
B002-DV1AC8 TRIPPLITE-B002-DV1AC8 Datasheet
159Kb / 4P
Secure KVM Switch, DVI to DVI - 8-Port, NIAP PP3.0 Certified, Audio, CAC Support, Single Monitor
B004-DUA2HR-K TRIPPLITE-B004-DUA2HR-K Datasheet
163Kb / 3P
2-Port DVI Dual-Link / USB KVM Switch with Audio and Cables
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
2-Port DVI/USB KVM Switch with Audio and Cables
B002-DV1AC8-N4 TRIPPLITE-B002-DV1AC8-N4 Datasheet
39Kb / 4P
Secure KVM Switch, 8-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com