Electronic Components Datasheet Search
  English  ▼

X  

IR2121 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2121
Description  CURRENT LIMITING LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2121 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2121 Datasheet HTML 8Page - International Rectifier IR2121 Datasheet HTML 9Page - International Rectifier IR2121 Datasheet HTML 10Page - International Rectifier IR2121 Datasheet HTML 11Page - International Rectifier IR2121 Datasheet HTML 12Page - International Rectifier IR2121 Datasheet HTML 13Page - International Rectifier IR2121 Datasheet HTML 14Page - International Rectifier IR2121 Datasheet HTML 15Page - International Rectifier IR2121 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IR2121 & (PbF)
12
www.irf.com
Figure 27A. ERR Timing Charge Current vs. Temperature
Figure 27B. ERR Timing Charge Current vs. Voltage
Figure 25. VCC Undervoltage (+) vs. Temperature
Figure 26. VCC Undervoltage (-) vs. Temperature
Figure 28A. ERR Pull-Up Current vs. Temperature
Figure 28B. ERR Pull-Up Current vs. Voltage
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.0
5.0
10.0
15.0
20.0
25.0
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Min.
Typ.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
0
50
100
150
200
250
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Min.
Typ.
Max.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com