Electronic Components Datasheet Search
  English  ▼

X  

IR2121 Datasheet(PDF) 14 Page - International Rectifier

Part # IR2121
Description  CURRENT LIMITING LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2121 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR2121 Datasheet HTML 8Page - International Rectifier IR2121 Datasheet HTML 9Page - International Rectifier IR2121 Datasheet HTML 10Page - International Rectifier IR2121 Datasheet HTML 11Page - International Rectifier IR2121 Datasheet HTML 12Page - International Rectifier IR2121 Datasheet HTML 13Page - International Rectifier IR2121 Datasheet HTML 14Page - International Rectifier IR2121 Datasheet HTML 15Page - International Rectifier IR2121 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IR2121 & (PbF)
14
www.irf.com
Figure 32A. Turn-On Time vs. Input Voltage
Figure 32B. Turn-Off Time vs. Input Voltage
Figure 33. Maximum VS Negative Offset vs. Supply
Voltage
-15.00
-12.00
-9.00
-6.00
-3.00
0.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Typ.
0
50
100
150
200
250
300
0
2
4
6
8
1012 1416 1820
Input Voltage (V)
0
50
100
150
200
250
300
0
2468
10 12
14
16
18
20
Max
.
Typ
.
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com