Electronic Components Datasheet Search
  English  ▼

X  

MAX2321 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX2321
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX2321 Datasheet HTML 20Page - Maxim Integrated Products MAX2321 Datasheet HTML 21Page - Maxim Integrated Products MAX2321 Datasheet HTML 22Page - Maxim Integrated Products MAX2321 Datasheet HTML 23Page - Maxim Integrated Products MAX2321 Datasheet HTML 24Page - Maxim Integrated Products MAX2321 Datasheet HTML 25Page - Maxim Integrated Products MAX2321 Datasheet HTML 26Page - Maxim Integrated Products MAX2321 Datasheet HTML 27Page - Maxim Integrated Products MAX2321 Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
25
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
12
11
R2
51
Ω
R3
51
Ω
R6
7.5k
R4
2k
BUFFERED
LO OUTPUTS
VCC
C5
100pF
C6
22pF
C7
100pF
C12
1.5pF
C14
6800pF
C16
1pF
C2
100pF
C3
100pF
C4
100pF
6800pF
1pF
PCS SWITCH
DIPLEXER
AMPS LO
PCS1900 LO
CELLULAR
DUPLEXER
3.3pF
6800pF
C17
2.7pF
C15
6800pF
C11
1.5pF
C8
4.7pF
C10
1000pF
C13
0.01
µF
C9
1000pF
L3
560nH
L4
56nH
L5
56nH
LOGIC
INPUT
FM
TO VGA
PCS1900
400MHz
83MHz
TO VGA
R5
20k
VCC
VCC
9
10
MAX2327
LNAINH
N.C.
LNAOUTL
LNAOUTH
MODE
SHDN
BAND
LNAINL
LOHIN
LOLIN
MIXINH
L6
5.6nH
L1
1.8nH
L2
6.8nH
3.85nH
MIXINL
RBIAS
IFOUT+
IFOUT-
BUFFEN
VCC
FMOUT
LOLOUT
LOHOUT
MAX2327
(DUAL BAND, DUAL VCO INPUTS, AND SEPARATELY CONTROLLED VCO BUFFERS)
NOTE: THE MAX2327 IS RECOMMENDED FOR
DUAL-BAND, TRIPLE-MODE PHONES WITH TDMA
IN THE DIGITAL MODES, e.g., PCS1900 + AMPS.
KEY FEATURES: TWO LO INPUT/OUTPUT PORTS FOR
SEPARATE VCOs, SEPARATELY CONTROLLED VCO BUFFERS.
1930MHz–1990MHz
869MHz–894MHz
1.5pF
1.65nH
4.7nH
C1
100pF
VCC
R11
30
Ω
Typical Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com