Electronic Components Datasheet Search
  English  ▼

X  

NJM2188M Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2188M
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188M Datasheet(HTML) 4 Page - New Japan Radio

  NJM2188M Datasheet HTML 1Page - New Japan Radio NJM2188M Datasheet HTML 2Page - New Japan Radio NJM2188M Datasheet HTML 3Page - New Japan Radio NJM2188M Datasheet HTML 4Page - New Japan Radio NJM2188M Datasheet HTML 5Page - New Japan Radio NJM2188M Datasheet HTML 6Page - New Japan Radio NJM2188M Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJM2188
- 4 -
s
s
s
sELECTRICAL CHARACTERISTICS(V
+=12V,Ta=25
°°°°C)
CONDITION
IN
PARAMETER
SYMBOL
L
R
OUT
MODE
MIN
TYP
MAX
UNIT
0
0
L
0
0
R
BYPASS
-
-110
(3.16)
-100
(10.0)
0
0
L
0
0
R
TRU
-
-90
(31.6)
-84
(63.1)
0
0
L
Output
Noise
VNOISE
A- Weighting
Rg=0
Ω
0
0
R
SRS3D-1
-
-90
(31.6)
-84
(63.1)
dBV
(µVrms)
VIN
0
L
-
0.01
-
0
VIN
R
BYPASS
-
0.01
-
VIN
0
L
-
0.10
-
VIN
0
R
TRU
-
0.20
-
VIN
0
L
-
0.10
-
Total
Harmonic
Distortion
THD
f=1kHz
VIN=-10dB
VIN
0
R
SRS3D-1
-
0.20
-
%
VIN
0
L
-1.0
0.0
1.0
Bypass
Gain
GBypass2
f=1kz
0
VIN
R
BYPASS
-1.0
0.0
1.0
dB
GLt/Rt-L
f=1kHz
VIN
0
L
0.2
2.2
4.2
Passive
Gain
GLt/Rt-R
f=1kHz
VIN
0
R
TRU
-14.0
-12.0
-10.0
dB
VIN
0
L
-4.8
-2.8
-0.8
VIN
0
R
-15.1
-13.1
-11.1
f=1kHz
0
VIN
L
SRS3D-1
-15.1
-13.1
-11.1
dB
VIN
0
L
-5.8
-3.8
-1.8
VIN
0
R
-21.1
-19.1
-17.1
SRS 3D Gain
GSRS3D
f=1kHz
0
VIN
L
SRS3D-2
-21.1
-19.1
-17.1
dB
VIN=High Level
-
-
-
-
2.0
-
V
+
MODE Select
Control
Voltage
VMODE
VIN=Low Level
-
-
-
-
0.0
-
0.7
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com