Electronic Components Datasheet Search
  English  ▼

X  

NJM2188M Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2188M
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188M Datasheet(HTML) 1 Page - New Japan Radio

  NJM2188M Datasheet HTML 1Page - New Japan Radio NJM2188M Datasheet HTML 2Page - New Japan Radio NJM2188M Datasheet HTML 3Page - New Japan Radio NJM2188M Datasheet HTML 4Page - New Japan Radio NJM2188M Datasheet HTML 5Page - New Japan Radio NJM2188M Datasheet HTML 6Page - New Japan Radio NJM2188M Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2188
- 1 -A
PRELI M I N A R Y
Passive Matrix TruSurround
TM 3D Audio Processor
The TruSurround technology right incorporated in the NJM2188 are owned by SRS Labs, a U.S. Corporation and licensed to New
Japan Radio Co., Ltd. SRS is protected under U.S. and foreign patents issued and/or pending. TruSurround and the
, are
trademarks of SRS Labs, Inc. in the United States and selected foreign countries. Neither the purchase of the NJM2188, nor the
corresponding sale of audio enhancement equipment conveys the right to sell commercialized recordings made with any TruSurround
technology.
SRS Labs requires that all users of the NJM2188 must enter into a license agreement directly with SRS Labs if the royalty is not
included in the purchase price. SRS Labs also requires any users to comply with all rules and regulations as outlined in the SRS
Trademark Usage Manual.
For further information, please contact:
SRS Labs., Inc.
2909 Daimler Street. Santa Ana, CA 92705 USA
Tel:949-442-1070 Fax:949-852-1099
http://www.srslabs.com
s
s
s
sGENERAL DESCRIPTION
The NJM2188 is a Passive Matrix TruSurround
TM 3D
audio processor. It regenerates the full surround sound
field directly from any kinds of surround encoded stereo
input(Lt/Rt) signals.
After the internal passive matrix circuit decodes Lt/Rt
signal into 4 channel signals, the TruSurround virtualizer
encodes them into 2 channel surround signals again.
Accordingly
any
pre-processors
decoding
into
4
channel signals are not required.
The NJM2188 also includes the SRS 3D-STEREO,
and regenerates a 3D sound field from normal L/R input.
The NJM2188 is suitable for TV, mini component, CD
radio cassette, multimedia speaker system ,and others.
s
s
s
sFEATURES
q
q
q
qOperating Voltage
(4.7 to 13V)
q
q
q
qMaximum Input Voltage
(1.5Vrms typ. at V
+
≥11V)
q
q
q
qLow Output Noise
(32µVrms typ. at TRU mode)
q
q
q
qSRS 3D-STEREO FUNCTION (Two-grade Switch for 3D Effect)
q
q
q
qBYPASS FUNCTION
(THROUGH)
q
q
q
qBipolar Technology
q
q
q
qPackage Outline
DIP16, DMP16, SSOP16
NJM2188D
NJM2188M
NJM2188V
s
s
s
sPACKAGE


Similar Part No. - NJM2188M

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2188M NISSHINBO-NJM2188M Datasheet
100Kb / 8P
Passive Matrix TruSurroundTM 3D Audio Processor
More results

Similar Description - NJM2188M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJM2187 NJRC-NJM2187 Datasheet
295Kb / 10P
Passive Matrix TruSurround 3D AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
3D Effect Audio Processor IC
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com