Electronic Components Datasheet Search
  English  ▼

X  

MAX232 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX232
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX232 Datasheet HTML 5Page - Maxim Integrated Products MAX232 Datasheet HTML 6Page - Maxim Integrated Products MAX232 Datasheet HTML 7Page - Maxim Integrated Products MAX232 Datasheet HTML 8Page - Maxim Integrated Products MAX232 Datasheet HTML 9Page - Maxim Integrated Products MAX232 Datasheet HTML 10Page - Maxim Integrated Products MAX232 Datasheet HTML 11Page - Maxim Integrated Products MAX232 Datasheet HTML 12Page - Maxim Integrated Products MAX232 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
_______________________________________________________________________________________
9
±15kV ESD-Protected, +5V RS-232 Transceivers
V+
MAX2_ _E
0.1µF
*
VCC
0.1µF
*
T_
R_
0.1µF
*
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
400k
5k
0.1µF
*
0.1µF
*
3k
+5V
R_IN
T_IN
MINIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
2500pF
V-
V+
0.1µF
*
VCC
0.1µF
*
R_
T_
0.1µF
*
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
400k
5k
0.1µF
*
0.1µF
*
7k
+5V
R_IN
T_IN
MAXIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
50pF
V-
( ) ARE FOR MAX213E
* 1µF FOR MAX232E/MAX241E
MAX2_ _E
TRANSMITTER INPUT PULL-UP RESISTORS, ENABLE, AND SHUTDOWN ARE NOT PROVIDED ON THE MAX202E, MAX203E, AND MAX232E.
ENABLE AND SHUTDOWN ARE NOT PROVIDED ON THE MAX207E AND MAX208E.
Figure 3. Transition Slew-Rate Circuit
_______________Detailed Description
The MAX202E–MAX213E, MAX232E/MAX241E consist of
three sections: charge-pump voltage converters,
drivers (transmitters), and receivers. These E versions
provide extra protection against ESD. They survive
±15kV discharges to the RS-232 inputs and outputs,
tested using the Human Body Model. When tested
according to IEC1000-4-2, they survive ±8kV contact-
discharges and ±15kV air-gap discharges. The rugged
E versions are intended for use in harsh environments
or applications where the RS-232 connection is
frequently changed (such as notebook computers). The
standard (non-“E”) MAX202, MAX203, MAX205–
MAX208, MAX211, MAX213, MAX232, and MAX241 are
recommended for applications where cost is critical.
+5V to ±10V Dual Charge-Pump
Voltage Converter
The +5V to ±10V conversion is performed by dual
charge-pump voltage converters (Figure 4). The first
charge-pump converter uses capacitor C1 to double
the +5V into +10V, storing the +10V on the output filter
capacitor, C3. The second uses C2 to invert the +10V
into -10V, storing the -10V on the V- output filter
capacitor, C4.
In shutdown mode, V+ is internally connected to VCC by
a 1kΩ pull-down resistor, and V- is internally connected
to ground by a 1kΩ pull up resistor.
RS-232 Drivers
With VCC = 5V, the typical driver output voltage swing
is ±8V when loaded with a nominal 5kΩ RS-232
receiver. The output swing is guaranteed to meet
EIA/TIA-232E and V.28 specifications that call for ±5V
minimum output levels under worst-case conditions.
These include a 3kΩ load, minimum VCC, and
maximum operating temperature. The open-circuit
output voltage swings from (V+ - 0.6V) to V-.
Input thresholds are CMOS/TTL compatible. The
unused drivers’ inputs on the MAX205E–MAX208E,
MAX211E, MAX213E, and MAX241E can be left
unconnected because 400kΩ pull up resistors to VCC
are included on-chip. Since all drivers invert, the pull up
resistors force the unused drivers’ outputs low. The
MAX202E, MAX203E, and MAX232E do not have pull
up resistors on the transmitter inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com