Electronic Components Datasheet Search
  English  ▼

X  

MAX232 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX232
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX232 Datasheet HTML 17Page - Maxim Integrated Products MAX232 Datasheet HTML 18Page - Maxim Integrated Products MAX232 Datasheet HTML 19Page - Maxim Integrated Products MAX232 Datasheet HTML 20Page - Maxim Integrated Products MAX232 Datasheet HTML 21Page - Maxim Integrated Products MAX232 Datasheet HTML 22Page - Maxim Integrated Products MAX232 Datasheet HTML 23Page - Maxim Integrated Products MAX232 Datasheet HTML 24Page - Maxim Integrated Products MAX232 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 ___________________
25
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
±15kV ESD-Protected, +5V RS-232 Transceivers
PACKAGE OUTLINE, .300" SOIC
1
1
21-0042
B
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
MAX
0.012
0.104
0.019
0.299
0.013
INCHES
0.291
0.009
E
C
DIM
0.014
0.004
B
A1
MIN
0.093
A
0.23
7.40
7.60
0.32
MILLIMETERS
0.10
0.35
2.35
MIN
0.49
0.30
MAX
2.65
0.050
0.016
L
0.40
1.27
0.512
0.496
D
D
MIN
DIM
D
INCHES
MAX
12.60
13.00
MILLIMETERS
MIN
MAX
20
AC
0.447
0.463
AB
11.75
11.35
18
0.398
0.413
AA
10.50
10.10
16
N MS013
SIDE VIEW
H
0.419
0.394
10.00
10.65
e
0.050
1.27
D
0.614
0.598
15.20
24
15.60
AD
D
0.713
0.697
17.70
28
18.10
AE
H
E
N
D
A1
B
e
A
0∞-8∞
C
L
1
VARIATIONS:
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to
www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com