Electronic Components Datasheet Search
  English  ▼

X  

IR3541 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3541
Description  Digital Multi-Phase Buck Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3541 Datasheet(HTML) 3 Page - International Rectifier

  IR3541 Datasheet HTML 1Page - International Rectifier IR3541 Datasheet HTML 2Page - International Rectifier IR3541 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
June 21, 2013 | FINAL | V1.09
3
Digital Multi-Phase Buck Controller
IR3541
CHL8325A/B
FUNCTIONAL BLOCK DIAGRAM
ISEN1
IRTN1
ISEN2
IRTN2
ISEN3
IRTN3
ISEN4
IRTN4
ISEN5
IRTN5
TSEN
VINSEN
Voltage
ADC
VSEN
VRTN
Control
and
Monitoring
PWM Generator
Vout1_Error
Vout2_Error
PWM1
PWM2
PWM3
PWM4
PWM5
Reference,
Oscillator,
State Control,
Interfaces,
Registers and
NVM
SMB_DIO
ADC Clocks
MUX Clocks
Phase_Period_1
Phase_Period_2
V3_3
Iout
Vin
Temp
Fault Bus
System Clock
Iout
Vin
Temp
Vout
Fault Bus
System Clock
Σ
VID_1
VID_2
Current ADC
ITOT_1
ITOT_2
IP1
IP2
IP3
IP4
IP1
IP2
IP3
IP4
IP5
Σ
Mode Control
IP5
VAR_GATE_PM_ADDR
(CHL8325A)
LDO
VCC
1.8V
V18A
SMB_CLK
SMB_ALERT#
EN
VR_HOT#
1/VRHOT_ICRIT#2
VR_READY_L1
1/PWRGD2
VR_READY_L2
1/PWROK2
Phase_
Period_1
Phase_
Period_2
RRES
RCSP
RSCM
AFE_1
VID_1
SV_ALERT#
1/VFIXEN2
SV_CLK
1/SVC2
SV_DIO
1/SVD2
Notes
1 Pin definition in Intel & MPoL modes
2 Pin definition in AMD mode
TSEN2
(CHL8325B)
VSEN_L2
VRTN_L2
RCSP_L2
RSCM_L2
AFE_2
ITOT_2
VID_2
Monitor ADC
Figure 4: IR3541 and CHL8325A/B Functional Block Diagram
(IR3541 & CHL8325A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com