Electronic Components Datasheet Search
  English  ▼

X  

IR3541 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3541
Description  Digital Multi-Phase Buck Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3541 Datasheet(HTML) 1 Page - International Rectifier

  IR3541 Datasheet HTML 1Page - International Rectifier IR3541 Datasheet HTML 2Page - International Rectifier IR3541 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
June 21, 2013 | FINAL | V1.09
1
Digital Multi-Phase Buck Controller
IR3541
CHL8325A/B
FEATURES
 5-phase dual output PWM Controller
 Phases are flexibly assigned between Loops 1 & 2
 Intel® VR12, AMD® 400kHz & 3.4MHz SVI and
Memory modes
 Dual OCP support for I-spike enhanced AMD CPUs
 SMB_Alert Pin for Servers
 PMBus Address pin or Variable Gate Drive
(IR3541/CHL8325A)
 2nd Temperature Sense for VR12 Desktop
(CHL8325B)
 Overclocking & Gaming Mode with Vmax setting
 Switching frequency from 200kHz to 1.2MHz per
phase
 IR Efficiency Shaping Features including Variable
Gate Drive (IR3541/CHL8325A only) and Dynamic
Phase Control
 Programmable 1-phase or 2-phase for Light Loads
and Active Diode Emulation for Very Light Loads
 IR Adaptive Transient Algorithm (ATA) on both
loops minimizes output bulk capacitors and
system cost
 Auto-Phase Detection with auto-compensation
 Per-Loop Fault Protection: OVP, UVP, OCP,
OTP, CFP
 I2C/SMBus/PMBus system interface for telemetry
of Temperature, Voltage, Current & Power for
both loops
 Non-Volatile Memory (NVM) for custom
configuration
 Compatible with IR ATL and 3.3V Tri-state Drivers
 +3.3V supply voltage; -20ºC to 85ºC ambient
operation
 Pb-Free, RoHS, 6x6 40-pin QFN, MSL2 package
APPLICATIONS
 Intel ® VR12 & AMD® SVI based systems
 DDR Memory with Vtt tracking
 Overclocked & Gaming platforms
DESCRIPTION
The IR3541 and CHL8325A/B are dual-loop digital
multi-phase buck controllers that drive up to 5 phases.
The IR3541 and CHL8325A/B are fully Intel® VR12 and AMD®
SVI compliant on both loops and provides a Vtt tracking
function for DDR memory.
NVM storage saves pins and enables a small package size.
The IR3541 and CHL8325A/B include the IR Efficiency
Shaping Technology to deliver exceptional efficiency at
minimum cost across the entire load range. IR Variable Gate
Drive optimizes the MOSFET gate drive voltage as a function
of real-time load current. IR Dynamic Phase Control
adds/drops active phases based upon load current.
The IR3541 and CHL8325A/B can be configured to enter
1-phase operation and active diode emulation mode
automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA), based on
proprietary non-linear digital PWM algorithms, minimizes
output bulk capacitors.
The I2C/PMBus interface can communicate with up to 16
IR3541 and CHL8325A/B based VR loops. Device
configuration and fault parameters are easily defined using
the IR Intuitive Power Designer (DPDC) GUI and stored in
on-chip NVM.
The IR3541 and CHL8325A/B also include numerous
features like register diagnostics for fast design cycles and
platform differentiation, truly simplifying VRD design and
enabling fastest time-to-market with its “set-and-forget”
methodology.
PIN DIAGRAM
Figure 1: IR3541 Package Top View


Similar Part No. - IR3541

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
logo
Infineon Technologies A...
IR35411 INFINEON-IR35411 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
IR35411MTRPBFAUMA1 INFINEON-IR35411MTRPBFAUMA1 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
IR35412 INFINEON-IR35412 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
logo
International Rectifier
IR3541A IRF-IR3541A Datasheet
381Kb / 3P
Digital Multi-Phase Buck Controller PMBus Address pin or Variable Gate Drive
More results

Similar Description - IR3541

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8203 IRF-CHL8203_15 Datasheet
329Kb / 2P
Digital Multi-Phase Buck Controller
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8316 IRF-CHL8316_15 Datasheet
294Kb / 2P
Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3541A IRF-IR3541A_15 Datasheet
381Kb / 3P
Digital Multi-Phase Buck Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com