Electronic Components Datasheet Search
  English  ▼

X  

IR3550 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3550
Description  60A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550 Datasheet(HTML) 3 Page - International Rectifier

  IR3550 Datasheet HTML 1Page - International Rectifier IR3550 Datasheet HTML 2Page - International Rectifier IR3550 Datasheet HTML 3Page - International Rectifier IR3550 Datasheet HTML 4Page - International Rectifier IR3550 Datasheet HTML 5Page - International Rectifier IR3550 Datasheet HTML 6Page - International Rectifier IR3550 Datasheet HTML 7Page - International Rectifier IR3550 Datasheet HTML 8Page - International Rectifier IR3550 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
July 16, 2014 | DATASHEET V3.2
3
IR3550
60A Integrated PowIRstage®
TYPICAL APPLICATION DIAGRAM (CONTINUED)
SW
PWM
VIN
PGND
Gate
Drivers
and
Current
Sense
Amplifier
IOUT
VCC
PHSFLT#
VCC
BOOST
VIN
PWM
REFIN
PHSFLT#
BBRK#
BBRK#
CS+
LGND
CSIN-
CSIN+
IR3550
4.5V to 7V
4.5V to 15V
C2
10uF x 2
C5
0.22uF
C3
0.22uF
R1
10k
C4
0.22uF
R2
2.49k
L1
150nH
3
18-23
24
25
26
27
28
30
29
1
2
16, 17
6-15
C1
0.22uF
PGND 4
31
TGND
No Connect
CS-
VOUT
C7
470uF
C6
22uF
Figure 5: Application Circuit without Current Sense Amplifier
FUNCTIONAL BLOCK DIAGRAM
VIN
SW
PWM
6
7
8
9
10
11
12
13
14
15
18
19
20
21
22
23
VIN
VIN
VIN
VIN
VIN
SW
SW
SW
SW
SW
SW
SW
SW
SW
1
31
16
17
CSIN-
PGND
PGND
TGND
24
BOOST
Power-on
Reset
(POR),
3.3V
Reference,
and
Dead-time
Control
26
IOUT
30
VCC
3
BBRK#
27
5
32
GATEL
GATEL
Driver
Driver
25
PHSFLT#
2
CSIN+
28
LGND
29
REFIN
Current Sense
Amplifier
MOSFET
& Thermal
Detection
S
Q
R
POR
3.3V
VCC
-
+
3.3V
4
PGND
200k
18k
-
+
Diode
Emulation
Comparator
IR3550
Offset -+
VCC
Figure 6: IR3550 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com