Electronic Components Datasheet Search
  English  ▼

X  

IR3550 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3550
Description  60A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3550 Datasheet HTML 8Page - International Rectifier IR3550 Datasheet HTML 9Page - International Rectifier IR3550 Datasheet HTML 10Page - International Rectifier IR3550 Datasheet HTML 11Page - International Rectifier IR3550 Datasheet HTML 12Page - International Rectifier IR3550 Datasheet HTML 13Page - International Rectifier IR3550 Datasheet HTML 14Page - International Rectifier IR3550 Datasheet HTML 15Page - International Rectifier IR3550 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
July 16, 2014 | DATASHEET V3.2
12
IR3550
60A Integrated PowIRstage®
TYPICAL OPERATING CHARACTERISTICS (CONTINUED)
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, TAMBIENT = 25°C, no heat sink, no air flow,
8-layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise.
Figure 25: Diode Emulation Setup through BBRK# Input
Figure 26: Diode Emulation Setup through BBRK# Input
Figure 27: Current Sense Amplifier Output vs. Current
Figure 28: Current Sense Amplifier Output, IOUT = 0A
Figure 29: Current Sense Amplifier Output, IOUT = 20A
Figure 30: Current Sense Amplifier Output, IOUT = 40A
VCC
2V/div
BBRK#
2V/div
4ms/div
VCC
2V/div
BBRK#
2V/div
4ms/div
V(IOUT)-
V(REFIN)
0.2V/div
IL
10A/div
2us/div
SW
20V/div
V(IOUT)-
V(REFIN)
0.2V/div
IL
10A/div
2us/div
SW
20V/div
V(IOUT)-
V(REFIN)
0.2V/div
IL
10A/div
2us/div
SW
20V/div
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
25
30
35
40
45
50
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com