Electronic Components Datasheet Search
  English  ▼

X  

MAX3040CSE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3040CSE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040CSE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3040CSE Datasheet HTML 1Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 2Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 3Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 4Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 5Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 6Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 7Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 8Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX3040–MAX3045 is a family of 5V quad RS-
485/RS-422 transmitters designed for digital data trans-
mission over twisted-pair balanced lines. All transmitter
outputs are protected to ±10kV using the Human Body
Model. In addition the MAX3040–MAX3045 withstand
±4kV per IEC 1000-4-4 Electrical Fast Transient/Burst
Stressing. The MAX3040/MAX3043 (250kbps) and the
MAX3041/MAX3044 (2.5Mbps) are slew-rate limited
transmitters that minimize EMI and reduce reflections
caused by improperly terminated cables, thus allowing
error-free transmission.
The MAX3040–MAX3045 feature a hot-swap capability*
that eliminates false transitions on the data cable during
power-up or hot insertion. The MAX3042B/MAX3045B
are optimized for data transfer rates up to 20Mbps, the
MAX3041/MAX3044 for data rates up to 2.5Mbps, and
the MAX3040/MAX3043 for data rates up to 250kbps.
The MAX3040–MAX3045 offer optimum performance
when used with the MAX3093E or MAX3095 5V quad
differential line receivers or MAX3094E/MAX3096 3V
quad differential line receivers.
The MAX3040–MAX3045 are ESD-protected pin-compat-
ible, low-power upgrades to the industry-standard
‘SN75174 and ‘DS26LS31C. They are available in space-
saving TSSOP, narrow SO, and wide SO packages.
*Patent pending
Applications
Telecommunications Equipment
Industrial Motor Control
Transmitter for ESD-Sensitive Applications
Hand-Held Equipment
Industrial PLCs
Networking
Features
o ESD Protection: ±10kV—Human Body Model
o Single +5V Operation
o Guaranteed Device-to-Device Skew
(MAX3040/MAX3041/MAX3043/MAX3044)
o Pin-Compatible with ‘SN75174, ‘26LS31C and
LTC487
o Hot-Swappable for Telecom Applications
o Up to 20Mbps Data Rate (MAX3042B/MAX3045B)
o Slew-Rate Limited (Data Rates at 2.5Mbps and
250kbps)
o 2nA Low-Power Shutdown Mode
o 1mA Operating Supply Current
o ±4kV EFT Fast Transient Burst Immunity per IEC
1000-4-4
o Level 2 Surge Immunity per IEC 1000-4-5,
Unshielded Cable Model
o Ultra-Small 16-Pin TSSOP, 16-Pin Narrow SO, and
Wide 16-Pin SO
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
Selector Guide
Ordering Information
19-2143; Rev 1; 12/01
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DATA
RATE
MAX3040CUE
0
°C to +70°C 16 TSSOP
250kbps
MAX3040CSE
0
°C to +70°C 16 Narrow SO
250kbps
MAX3040CWE
0
°C to +70°C 16 Wide SO
250kbps
MAX3040EUE
-40
°C to +85°C
16 TSSOP
250kbps
MAX3040ESE
-40
°C to +85°C
16 Narrow SO
250kbps
MAX3040EWE -40
°C to +85°C
16 Wide SO
250kbps
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
T1IN
VCC
T4IN
Y4
Z4
EN34
Z3
Y3
T3IN
TOP VIEW
MAX3040
MAX3041
MAX3042B
16 TSSOP/SO
Y1
Z1
Y2
EN12
Z2
T2IN
GND
PART
DATA RATE
(bps)
INDUSTRY STANDARD
PINOUT
MAX3040
250k
75174, 34C87, LTC487
MAX3041
2.5M
75174, 34C87, LTC487
MAX3042B
20M
75174, 34C87, LTC487
MAX3043
250k
26LS31
MAX3044
2.5M
26LS31
MAX3045B
20M
26LS31
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX3040CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX3040CSE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com