Electronic Components Datasheet Search
  English  ▼

X  

MAX3040CSE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3040CSE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040CSE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3040CSE Datasheet HTML 1Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 2Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 3Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 4Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 5Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 6Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 7Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 8Page - Maxim Integrated Products MAX3040CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OUTPUT LOW VOLTAGE (V)
5
4
-6 -5 -4
-2 -1 0
1
2
-3
3
10
20
30
40
50
60
70
80
0
-7
6
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT HIGH VOLTAGE
0.7
0.8
1.0
0.9
1.1
1.2
020
10
30
40
50
60
70
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.25V
VCC = 5V
VCC = 4.75V
NO LOAD
NO SWITCHING
100
1000
0
10
5
15
20
25
35
30
40
45
0.1
1
10
MAX3040/MAX3043
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
40
0
0.1
1
10
100
1000
10,000
MAX3041/MAX3044
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
10
5
20
15
35
30
25
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
MAX3042B/MAX3045B
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
0.1
100
1000 10,000
1
10
100,000
60
0
10
20
30
50
40
NO LOAD
ALL FOUR TRANSMITTERS
SWITCHING
0
20
10
40
30
60
50
70
04
26
8
10
OUTPUT CURRENT vs. TRANSMITTER
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
20
10
40
30
60
50
70
02
13
4
5
OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
2.10
2.20
2.15
2.35
2.30
2.25
2.50
2.45
2.40
2.55
020
30
10
40
50
60
70
TRANSMITTER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
RDIFF = 54
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com