Electronic Components Datasheet Search
  English  ▼

X  

MAX3053ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3053ESA
Description  짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3053ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
________________________________________________________________ Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX3053 interfaces between the control area net-
work (CAN) protocol controller and the physical wires of
the bus lines in a CAN. It is primarily intended for indus-
trial systems requiring data rates up to 2Mbps and fea-
tures ±80V fault protection against shorts to
high-voltage power buses. The device provides differ-
ential transmit capability to the bus and differential
receive capability to the CAN controller.
The MAX3053 has three different modes of operation:
high-speed, slope control, and shutdown. High-speed
mode allows data rates up to 2Mbps. In slope control
mode, data rates are between 40kbps and 500kbps so
the effects of EMI are reduced and unshielded twisted
or parallel cable may be used. In shutdown mode, the
transmitter is switched off, and the receiver is switched
to a low-current mode.
An autoshutdown function puts the device in 15µA shut-
down mode when the bus or CAN controller is inactive
for 47ms or greater.
The MAX3053 is available in an 8-pin SO package and
is specified for -40°C to +125°C operation.
Applications
Industrial Control and Networks
Printers
Automotive Systems
HVAC Controls
Telecom 72V Systems
Features
o ±80V Fault Protection
o Three Operating Modes
High-Speed Operation up to 2Mbps
Slope Control Mode to Reduce EMI
(40kbps to 500kbps)
o 15µA Low-Current Shutdown Mode
o Autoshutdown when Device Is Inactive
o Automatic Wakeup from Shutdown
o Thermal Shutdown
o Current Limiting
o Fully Compatible with the ISO 11898 Standard
Ordering Information
TXD
RXD
RS
25k
Ω TO 180kΩ
VCC
CANL
GND
CANH
120
Ω
100nF
MAX3053
SHDN
GND
TXD
100nF
CAN
CONTROLLER
VCC
120
Ω
RXD
Typical Operating Circuit
19-2425; Rev 0; 4/02
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX3053ESA
-40°C to +85°C
8 SO
MAX3053ASA
-40°C to +125°C
8 SO


Similar Part No. - MAX3053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3053ESA MAXIM-MAX3053ESA Datasheet
1Mb / 12P
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
More results

Similar Description - MAX3053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3054 MAXIM-MAX3054 Datasheet
503Kb / 18P
짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Rev 0; 11/02
logo
Linear Technology
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
Overvoltage Fault Protected CAN Transceiver
logo
Maxim Integrated Produc...
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3053 MAXIM-MAX3053_14 Datasheet
1Mb / 12P
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com