Electronic Components Datasheet Search
  English  ▼

X  

MAX3000 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3000
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3000 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3000 Datasheet HTML 9Page - Maxim Integrated Products MAX3000 Datasheet HTML 10Page - Maxim Integrated Products MAX3000 Datasheet HTML 11Page - Maxim Integrated Products MAX3000 Datasheet HTML 12Page - Maxim Integrated Products MAX3000 Datasheet HTML 13Page - Maxim Integrated Products MAX3000 Datasheet HTML 14Page - Maxim Integrated Products MAX3000 Datasheet HTML 15Page - Maxim Integrated Products MAX3000 Datasheet HTML 16Page - Maxim Integrated Products MAX3000 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
13
______________________________________________Test Circuits/Timing Diagrams
MAX3000E/MAX3001E/
MAX3002/MAX3003
SOURCE
RS
I/O VL
EN
VL
VCC
I/O VCC
CVCC
I/OVL-VCC
I/OVL-VCC
I/O VCC
I/O VL
90%
50%
10%
90%
50%
10%
tRISE/FALL ≤ 3ns
tFVCC
tRVCC
SOURCE
RS
I/O VL
EN
VL
VCC
I/O VCC
CVL
MAX3000E/MAX3001E/
MAX3002/MAX3003
I/OVCC-VL
I/OVCC-VL
I/O VL
I/O VCC
90%
50%
10%
90%
50%
10%
tRISE/FALL ≤ 3ns
tFVL
tRVL
Figure 1a. Driving I/O VL
Figure 1b. Timing for Driving I/O VL
Figure 2a. Driving I/O VCC
Figure 2b. Timing for Driving I/O VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com