Electronic Components Datasheet Search
  English  ▼

X  

MAX3000 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX3000
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3000 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX3000 Datasheet HTML 13Page - Maxim Integrated Products MAX3000 Datasheet HTML 14Page - Maxim Integrated Products MAX3000 Datasheet HTML 15Page - Maxim Integrated Products MAX3000 Datasheet HTML 16Page - Maxim Integrated Products MAX3000 Datasheet HTML 17Page - Maxim Integrated Products MAX3000 Datasheet HTML 18Page - Maxim Integrated Products MAX3000 Datasheet HTML 19Page - Maxim Integrated Products MAX3000 Datasheet HTML 20Page - Maxim Integrated Products MAX3000 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
17
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
RC 1M
Ω
RD 1500
Ω
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
CS
100pF
Figure 7a. Human Body ESD Test Model
100%
90%
36.8%
tRL
tDL
TIME
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
10%
0
0
AMPERES
IP
Ir
Figure 7b. Human Body Current Waveform
PART
EN
EN A/B
Tx/Rx*
DATA RATE
ESD PROTECTION
(kV)
MAX3000E
√
—
8/8
230kbps
±15
MAX3001E
√
—
8/8
4Mbps
±15
MAX3002
√
—
8/8
**
±2
MAX3003
—
√
8/8
**
±2
MAX3004
√
—
8/0
**
±2
MAX3005
√
—
7/1
**
±2
MAX3006
√
—
6/2
**
±2
MAX3007
√
—
5/3
**
±2
MAX3008
√
—
4/4
**
±2
MAX3009
√
—
3/5
**
±2
MAX3010
√
—
2/6
**
±2
MAX3011
√
—
1/7
**
±2
MAX3012
√
—
0/8
**
±2
Selector Guide
*Tx
= VL
→ VCC; Rx = VCC → VL
**See Table 1.
VL
↔ VCC (V)
MAX3002–MAX3012
GUARANTEED DATA RATE
(Mbps)
1.2
↔ 5.5
40
1.2
↔ 3.3
20
2.5
↔ 3.3
35
1.8
↔ 2.5
30
1.2
↔ 2.5
20
1.2
↔ 1.8
20
Table 1. Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com