Electronic Components Datasheet Search
  English  ▼

X  

MAX3080CSD Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3080CSD
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CSD Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3080CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 14Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 15Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 16Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 17Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 18Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Fail-Safe
The MAX3080 family guarantees a logic-high receiver
output when the receiver inputs are shorted or open, or
when they are connected to a terminated transmission
line with all drivers disabled. This is done by setting the
receiver threshold between -50mV and -200mV. If the
differential receiver input voltage (A-B) is greater than
or equal to -50mV, RO is logic high. If A-B is less than
or equal to -200mV, RO is logic low. In the case of a
terminated bus with all transmitters disabled, the
receiver’s differential input voltage is pulled to 0V by
the termination. With the receiver thresholds of the
MAX3080 family, this results in a logic high with a 50mV
minimum noise margin. Unlike previous fail-safe
devices, the -50mV to -200mV threshold complies with
the ±200mV EIA/TIA-485 standard.
MAX3089 Programming
The MAX3089 has several programmable operating
modes. Transmitter rise and fall times are programma-
ble between 2500ns, 750ns, and 25ns, resulting in
maximum data rates of 115kbps, 500kbps, and
10Mbps, respectively. To select the desired data rate,
drive SRL to one of three possible states by using a
three-state driver, by connecting it to VCC or GND, or
by leaving it unconnected. For 115kbps operation, set
the three-state device in high-impedance mode or
leave SRL unconnected. For 500kbps operation, drive
SRL high or connect it to VCC. For 10Mbps operation,
drive SRL low or connect it to GND. SRL can be
changed during operation without interrupting data
communications.
Occasionally, twisted-pair lines are connected back-
ward from normal orientation. The MAX3089 has two
pins that invert the phase of the driver and the receiver
to correct for this problem. For normal operation, drive
TXP and RXP low, connect them to ground, or leave
them unconnected (internal pull-down). To invert the
driver phase, drive TXP high or connect it to VCC. To
invert the receiver phase, drive RXP high or connect it
to VCC. Note that the receiver threshold is positive
when RXP is high.
The MAX3089 can operate in full- or half-duplex mode.
Drive the H/F pin low, leave it unconnected (internal
pull-down), or connect it to GND for full-duplex opera-
tion, and drive it high for half-duplex operation. In full-
duplex mode, the pin configuration of the driver and
receiver is the same as that of a MAX3080 (Figure 4). In
half-duplex mode, the receiver inputs are switched to
the driver outputs, connecting outputs Y and Z to inputs
A and B, respectively. In half-duplex mode, the internal
full-duplex receiver input resistors are still connected to
pins 11 and 12.
Applications Information
256 Transceivers on the Bus
The standard RS-485 receiver input impedance is 12k
Ω
(one-unit load), and the standard driver can drive up to
32 unit loads. The MAX3080 family of transceivers have
a 1/8-unit-load receiver input impedance (96k
Ω), allow-
ing up to 256 transceivers to be connected in parallel
on one communication line. Any combination of these
devices and/or other RS-485 transceivers with a total of
32 unit loads or less can be connected to the line.
Reduced EMI and Reflections
The MAX3080–MAX3085, and MAX3089 with SRL = VCC
or unconnected, are slew-rate limited, minimizing EMI
and reducing reflections caused by improperly termi-
nated cables. Figure 14 shows the driver output wave-
form and its Fourier analysis of a 20kHz signal
transmitted by a MAX3086/MAX3087/MAX3088, and
MAX3089 with SRL = GND. High-frequency harmonic
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
______________________________________________________________________________________
15
R
R
Y
Z
VOD
VOC
Figure 5. Driver DC Test Load
RECEIVER
OUTPUT
TEST POINT
1k
1k
S1
S2
VCC
CRL
15pF
Figure 6. Receiver Enable/Disable Timing Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com