Electronic Components Datasheet Search
  English  ▼

X  

MAX3080CSD Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX3080CSD
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CSD Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX3080CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 14Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 15Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 16Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 17Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 18Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 19Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
components with large amplitudes are evident. Figure
15 shows the same signal displayed for a MAX3083/
MAX3084/MAX3085, and MAX3089 with SRL = VCC),
transmitting under the same conditions. Figure 15’s
high-frequency harmonic components are much lower
in amplitude, compared with Figure 14’s, and the poten-
tial for EMI is significantly reduced. Figure 16
shows the same signal displayed for a MAX3080/
MAX3081/MAX3082, and MAX3089 with SRL = uncon-
nected, transmitting under the same conditions. Figure
16’s high-frequency harmonic components are even
lower.
In general, a transmitter’s rise time relates directly to the
length of an unterminated stub, which can be driven with
only minor waveform reflections. The following equation
expresses this relationship conservatively:
Length = tRISE / (10 x 1.5ns/ft)
where tRISE is the transmitter’s rise time.
For example, the MAX3080’s rise time is typically
1320ns, which results in excellent waveforms with a stub
length up to 90 feet. A system can work well with longer
unterminated stubs, even with severe reflections, if the
waveform settles out before the UART samples them.
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
______________________________________________________________________________________
17
R
B
RECEIVER
OUTPUT
ATE
A
VID
R
Figure 13. Receiver Propagation Delay Test Circuit
100kHz/div
0Hz
1MHz
20dB/div
Figure 14. Driver Output Waveform and FFT Plot of
MAX3086/MAX3087/MAX3088, and MAX3089 with
SRL = GND, Transmitting a 20kHz Signal
100kHz/div
0Hz
1MHz
B
A
20dB/div
Figure 15. Driver Output Waveform and FFT Plot of
MAX3083/MAX3084/MAX3085, and MAX3089
with SRL = VCC, Transmitting a 20kHz Signal
100kHz/div
0Hz
1MHz
B
A
20dB/div
Figure 16. Driver Output Waveform and FFT Plot of
MAX3080/MAX3081/MAX3082, and MAX3089
with SRL = Unconnected, Transmitting a 20kHz Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com