Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705ALZ Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705ALZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705ALZ Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Table 10. EEPROM Serial ID Memory Contents - Page A0h
Byte
#Decimal
Data
Hex
Notes
Byte
#Decimal
Data
Hex
Notes
0
03
SFP physical device
37
00
Hex Byte of Vendor OUI (note 4)
1
04
SFP function defined by serial ID only
38
17
Hex Byte of Vendor OUI (note 4)
2
07
LC optical connector
39
6A
Hex Byte of Vendor OUI (note 4)
3
00
40
41
“A” - Vendor Part Number ASCII character
4
00
41
46
“F” - Vendor Part Number ASCII character
5
00
42
43
“C” - Vendor Part Number ASCII character
6
02
1000BASE-LX
43
54
“T” - Vendor Part Number ASCII character
7
12
long distance (per FC-PI)
44
2D
“-” - Vendor Part Number ASCII character
8
00
45
35
“5” - Vendor Part Number ASCII character
9
01
Single-mode (SM)
46
37
“7” - Vendor Part Number ASCII character
10
01
100 MBytes/sec FC-PI speed (note 1)
47
30
“0” - Vendor Part Number ASCII character
11
01
Compatible with 8B/10B encoded data
48
Note 5
12
0C
1200 MBit/sec nominal bit rate
49
Note 5
13
00
50
Note 5
14
0A
51
Note 5
15
64
52
20
“ “ - Vendor Part Number ASCII character
16
37
Note 2
53
20
“ “ - Vendor Part Number ASCII character
17
37
Note 3
54
20
“ “ - Vendor Part Number ASCII character
18
00
55
20
“ “ - Vendor Part Number ASCII character
19
00
56
30
“ “ - Vendor Revision Number ASCII character
20
41
“A” - Vendor Name ASCII character
57
30
“ “ - Vendor Revision Number ASCII character
21
56
“V” - Vendor Name ASCII character
58
30
“ “ - Vendor Revision Number ASCII character
22
41
“A” - Vendor Name ASCII character
59
30
“ “ - Vendor Revision Number ASCII character
23
47
“G” - Vendor Name ASCII character
60
05
Hex Byte of Laser Wavelength (Note 6)
24
4F
“O” - Vendor Name ASCII character
61
1E
Hex Byte of Laser Wavelength (Note 6)
25
20
“ “ - Vendor Name ASCII character
62
00
26
20
“ “ - Vendor Name ASCII character
63
Checksum for Bytes 0-62 (Note 7)
27
20
“ “ - Vendor Name ASCII character
64
00
28
20
“ “ - Vendor Name ASCII character
65
1A
Hardware SFP TX_DISABLE, TX_FAULT & RX_LOS
29
20
“ “ - Vendor Name ASCII character
66
00
30
20
“ “ - Vendor Name ASCII character
67
00
31
20
“ “ - Vendor Name ASCII character
68-83
Vendor Serial Number ASCII characters (Note8)
32
20
“ “ - Vendor Name ASCII character
84-91
Vendor Date Code ASCII characters (Note 9)
33
20
“ “ - Vendor Name ASCII character
92
Note 5
34
20
“ “ - Vendor Name ASCII character
93
Note 5
35
20
“ “ - Vendor Name ASCII character
94
Note 5
36
00
95
Checksum for Bytes 64-94 (Note 7)
96 - 255
00
Notes:
1. FC-PI speed 100 MBytes/sec is a serial bit rate of 1.0625 GBit/sec.
2. Link distance with 50/125 μm cable.
3. Link distance with 62.5/125 μm.
4. The IEEE Organizationally Unique Identifier (OUI) assigned to Avago Technologies is 00-17-6A (3 bytes hex).
5. See Table 11 on following page for part number extensions and data-fields.
6. Laser wavelength is represented in 16 unsigned bits. The hex representation of 1310 (nm) is 051E.
7. Addresses 63 and 95 are checksums calculated (per SFF-8472 and SFF-8074) and stored prior to product shipment.
8. Addresses 68-83 specify the ASCII serial number and will vary on a per unit basis.
9. Addresses 84-91 specify the ASCII date code and will vary on a per date code basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com