Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705ALZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705ALZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705ALZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5705ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LASER DRIVER
& SAFETY
CIRCUITRY
50
Ω
50
Ω
SO+
SO–
AMPLIFICATION
&
QUANTIZATION
50
Ω
50
Ω
SI+
SI–
VREFR
VREFR
TBC
EWRAP
RBC
Rx_RATE
Rx_LOS
GPIO(X)
GPIO(X)
GP14
REFCLK
Tx_FAULT
TBC
EWRAP
RBC
Rx_RATE
REFCLK
TX[0:9]
RX[0:9]
Tx_FAULT
Tx_DISABLE
TD+
TD–
TX GND
MOD_DEF2
EEPROM
MOD_DEF1
MOD_DEF0
RX GND
4.7 K to 10 K
Ω
3.3 V
4.7 K to
10 K
Ω
3.3 V
4.7 K to
10 K
Ω
4.7 K to
10 K
Ω
106.25 MHz
PROTOCOL
IC
SFP MODULE
VCC,T
1 µH
1 µH
10 µF
0.1 µF
3.3 V
4.7 K to 10 K
Ω
10 µF
0.1
µF
0.1 µF
4.7 K to 10 K
Ω
RD+
RD–
Rx_LOS
0.01 µF
0.01 µF
100
Ω
0.01 µF
0.01 µF
VCC,R
100
Ω
50
Ω
VCC,R
50
Ω
VCC,R
Transmitter Section
The transmitter section includes a 1310 nm Fabry-Perot
laser and a transmitter driver circuit. The driver circuit
maintains a constant optical power level provided that
the data pattern is valid 8B/10B code. Connection to the
transmitter is provided via a LC optical connector.
The transmitter has full IEC 60825 and CDRH Class 1 eye
safety.
TX_DISABLE
The transmitter output can be disabled by asserting pin
3, TX_DISABLE. A high signal asserts this function while
a low signal allows normal laser operation. In addition,
via the 2-wire serial interface the transmitter output can
be disabled (address A2h, byte 110, bit 6) or monitored
(address A2h, byte 110, bit 7). The contents of A2h, byte
110, bit 6 are logic OR’d with hardware Tx_Disable (pin
3) to control transmitter operation. In the event of a
transceiver fault, such as the activation of the eye safety
circuit, toggling of the TX_DISABLE will reset the trans-
mitter, as depicted in Figure 4.
Figure 3. Typical Application Configuration
VEET
20
TD–
19
TD+
18
VEET
17
VCCT
16
VCCR
15
VEER
14
RD+
13
RD–
12
VEER
11
TOP OF BOARD
VEET
1
TX FAULT
2
TX DISABLE
3
MOD-DEF(2)
4
MOD-DEF(1)
5
MOD-DEF(0)
6
RATE SELECT
7
LOS
8
VEER
9
VEER
10
BOTTOM OF BOARD
(AS VIEWED THROUGH TOP OF BOARD)
ENGAGEMENT
SEQUENCE
3 2 1
3 2 1
Figure 2. Pin description of the SFP electrical interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com