Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705APZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705APZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705APZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5705APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Overview
The AFCT-570xZ family is compliant with both IEEE
802.3Z (1000BASE-LX) and Fibre Channel 100-SM-LC-L.
It also complies with the SFP Multi-Source Agreement
(MSA) specification. These transceivers are intended for
premise, public and access networking applications.
They are qualified in accordance with GR-468-CORE,
and transmit data over single-mode (SM) fiber for a link
distance of 10 km, in excess of the standard.
The AFCT-5705Z family of optical transceivers adds
digital diagnostic monitoring to standard SFP function-
ality, enabling fault isolation, components monitoring
and failure prediction capabilities.
General Features
The AFCT-570xZ is compliant to 1 GbE and 1G FC speci-
fications.
This includes specifications for the signal
coding, optical fiber and connector types, optical and
electrical transmitter characteristics, optical and elec-
trical receiver characteristics, jitter characteristics, and
compliance testing methodology for the aforemen-
tioned.
This transceiver is capable of implementing both Single
Mode (SM) and Multimode (MM) optical fiber applica-
tions in that order of precedence in the event of con-
flicting specifications. In addition, the SM link type
exceeds the 2 m to 5 km 1000BASE-LX specification by
achieving compliance over 2 m to 10 km. The MM link
type is expected to meet the 62.5 μm MMF specification
when used with an “offset launch” fiber.
text
Photo-Detector
Amplification
&
Quantization
Laser
Laser Driver &
Safety Circuit
Electrical Interface
RD+ (Receive Data)
RD- (Receive Data)
Rx Loss Of Signal
MOD-DEF2 (SDA)
TX_DISABLE
TD+ (Transmit Data)
TD- (Transmit Data)
TX_FAULT
MOD-DEF0
MOD-DEF1 (SCL)
Receiver
Transmitter
Optical Interface
Light from Fiber
Light to Fiber
Controller & Memory
Figure 1. Transceiver Functional Diagram
SFP MSA Compliance
The product package is compliant with the SFP MSA with
the LC connector option. The SFP MSA includes specifica-
tions for mechanical packaging and performance as well
as dc, ac and control signal timing and performance.
The power supply is 3.3 V dc.
The High Speed I/O (HSIO) signal interface is a Low
Voltage Differential type. It is ac coupled and terminated
internally to the module. The internal termination is a
100 Ohm differential load.
Installation
The AFCT-570xZ can be installed in or removed from
any MSA-compliant Pluggable Small Form Factor (SFP)
port regardless of whether the host equipment is oper-
ating or not. The module is simply inserted, electrical-
interface first, under finger-pressure. Controlled hot-
plugging is ensured by 3-stage pin sequencing at the
electrical interface. This printed circuit board card-edge
connector is depicted in Figure 2.
As the module is inserted, first contact is made by the
housing ground shield, discharging any potentially
component-damaging static electricity. Ground pins
engage next and are followed by Tx and Rx power sup-
plies. Finally, signal lines are connected. Pin functions
and sequencing are listed in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com