Electronic Components Datasheet Search
  English  ▼

X  

AFCT-5705APZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705APZ
Description  Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705APZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5705APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Eye Safety
The AFCT-570xZ transceivers provide Class 1 eye safety
by design. Avago Technologies has tested the trans-
ceiver design for regulatory compliance, under normal
operating conditions and under a single fault condition.
See Table 1.
Flammability
The AFCT-570xZ family of SFPs is compliant to UL 94V-0.
Customer Manufacturing Processes
This module is pluggable and is not designed for
aqueous wash, IR reflow, or wave soldering processes.
Caution
The AFCT-570xZ contains no user-serviceable parts.
Tampering with or modifying the performance of the
AFCT-570xZ will result in voided product warranty. It
may also result in improper operation of the transceiver
circuitry, and possible over-stress of the laser source.
Device degradation or product failure may result. Con-
nection of the AFCT-570xZ to a non-approved optical
source, operating above the recommended absolute
maximum conditions may be considered an act of mod-
ifying or manufacturing a laser product. The person(s)
performing such an act is required by law to re-certify
and re-identify the laser product under the provisions
of U.S. 21 CF.
Electrostatic Discharge (ESD)
There are two conditions in which immunity to ESD
damage is important:
The first condition is static discharge to the transceiver
during handling such as when the transceiver is inserted
into the transceiver port. To protect the transceiver, it is
important to use normal ESD handling precautions in-
cluding the use of grounded wrist straps, work benches,
and floor mats in ESD controlled areas. The ESD sensitiv-
ity of the AFCT-570xZ is compatible with typical industry
production environments.
The second condition is static discharge to the exterior
of the host equipment chassis after installation. To the
extent that the duplex LC optical interface is exposed
to the outside of the host equipment chassis, it may be
subject to system-level ESD requirements. The ESD per-
formance of the AFCT-570xZ exceeds typical industry
standards. Table 1 documents ESD immunity to both of
these conditions.
Electromagnetic Interference (EMI)
Most equipment designs using the AFCT-570xZ SFPs are
subject to the requirements of the FCC in the United
States, CENELEC EN55022 (CISPR 22) in Europe and VCCI
in Japan. The metal housing and shielded design of the
transceiver minimize EMI and provide excellent EMI
performance.
EMI Immunity
The AFCT-570xZ transceivers have a shielded design to
provide excellent immunity to radio frequency electro-
magnetic fields which may be present in some operat-
ing environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com