Electronic Components Datasheet Search
  English  ▼

X  

IR3843AM Datasheet(PDF) 10 Page - International Rectifier

Part # IR3843AM
Description  HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3843AM Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3843AM Datasheet HTML 6Page - International Rectifier IR3843AM Datasheet HTML 7Page - International Rectifier IR3843AM Datasheet HTML 8Page - International Rectifier IR3843AM Datasheet HTML 9Page - International Rectifier IR3843AM Datasheet HTML 10Page - International Rectifier IR3843AM Datasheet HTML 11Page - International Rectifier IR3843AM Datasheet HTML 12Page - International Rectifier IR3843AM Datasheet HTML 13Page - International Rectifier IR3843AM Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Rev 16.0
10
PD-97509
IR3843AMPbF
Typical Efficiency and Power Loss Curves
Vin=12V, Vcc=5V, Io=0.3A-3A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
19.9
IHLP2525EZ-01 3.3uH
3.3
3.3
19.9
IHLP2525EZ-01 3.3uH
3.3
2.5
13
IHLP2525EZ-01 2.2uH
2.2
1.8
6.7
PCMB065T-1R5MS
1.5
1.2
13
IHLP2525EZ-01 2.2uH
2.2
1.5
28.9
IHLP2525EZ-01 4.7uH
4.7
5
6.7
PCMB065T-1R5MS
1.5
1.1
6.7
PCMB065T-1R5MS
1.5
1
6.7
PCMB065T-1R5MS
1.5
0.9
DCR
(mΩ)
P/N
L (uH)
Vout (V)
19.9
IHLP2525EZ-01 3.3uH
3.3
3.3
19.9
IHLP2525EZ-01 3.3uH
3.3
2.5
13
IHLP2525EZ-01 2.2uH
2.2
1.8
6.7
PCMB065T-1R5MS
1.5
1.2
13
IHLP2525EZ-01 2.2uH
2.2
1.5
28.9
IHLP2525EZ-01 4.7uH
4.7
5
6.7
PCMB065T-1R5MS
1.5
1.1
6.7
PCMB065T-1R5MS
1.5
1
6.7
PCMB065T-1R5MS
1.5
0.9
DCR
(mΩ)
P/N
L (uH)
Vout (V)
74
76
78
80
82
84
86
88
90
92
94
96
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Iout (A)
0.9V
1V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Iout (A)
0.9V
1V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com