Electronic Components Datasheet Search
  English  ▼

X  

IR3843AM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3843AM
Description  HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3843AM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3843AM Datasheet HTML 7Page - International Rectifier IR3843AM Datasheet HTML 8Page - International Rectifier IR3843AM Datasheet HTML 9Page - International Rectifier IR3843AM Datasheet HTML 10Page - International Rectifier IR3843AM Datasheet HTML 11Page - International Rectifier IR3843AM Datasheet HTML 12Page - International Rectifier IR3843AM Datasheet HTML 13Page - International Rectifier IR3843AM Datasheet HTML 14Page - International Rectifier IR3843AM Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Rev 16.0
11
PD-97509
IR3843AMPbF
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=0.3A-3A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Iout (A)
0.7V
0.75V
0.9V
1V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.30.6
0.91.2
1.5
1.8
2.12.4
2.7
3
Iout (A)
0.7V
0.75V
0.9V
1V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
6.7
PCMB065T-1R5MS
1.5
3.3
6.7
PCMB065T-1R5MS
1.5
2.5
6.7
PCMB065T-1R5MS
1.5
1.8
6.7
PCMB065T-1R5MS
1.5
1.2
6.7
PCMB065T-1R5MS
1.5
1.5
6.7
PCMB065T-1R5MS
1.5
1.1
6.7
PCMB065T-1R5MS
1.5
1
5.6
PCMB065T-1R0MS
1
0.9
4.6
IHLP2525EZ-01 2.2uH
0.82
0.75
4.6
IHLP2525EZ-01 2.2uH
0.82
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)
6.7
PCMB065T-1R5MS
1.5
3.3
6.7
PCMB065T-1R5MS
1.5
2.5
6.7
PCMB065T-1R5MS
1.5
1.8
6.7
PCMB065T-1R5MS
1.5
1.2
6.7
PCMB065T-1R5MS
1.5
1.5
6.7
PCMB065T-1R5MS
1.5
1.1
6.7
PCMB065T-1R5MS
1.5
1
5.6
PCMB065T-1R0MS
1
0.9
4.6
IHLP2525EZ-01 2.2uH
0.82
0.75
4.6
IHLP2525EZ-01 2.2uH
0.82
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com