Electronic Components Datasheet Search
  English  ▼

X  

JCL Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCL
Description  Load life of 3000~5000 hours
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCL Datasheet(HTML) 2 Page - jb Capacitors Company

  JCL Datasheet HTML 1Page - jb Capacitors Company JCL Datasheet HTML 2Page - jb Capacitors Company JCL Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS(Unit: mm)
ØD×L
4×5.8
5×5.8
6.3×5.8
6.3×7.7
8×6.2
8×10.5
10×10.5
10×13.5
12.5×13.5/16
16×16.5
A
2.0
2.2
2.6
2.6
3.4
3.0
3.3
3.3
4.9
5.8
B
4.3
5.3
6.6
6.6
8.4
8.4
10.4
10.4
13.0
17.0
C
4.3
5.3
6.6
6.6
8.4
8.4
10.4
10.4
13.0
17.0
E±0.2
1.0
1.4
1.9
1.9
2.3
3.1
4.7
4.7
4.7
6.4
L
5.8
5.8
5.8
7.7
6.2
10.5
10.5
13.5
13.5/16
16.5
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT
6.3
10
16
25
WV
Cap. (μF)
0J
1A
1C
1E
10
100
4×5.8
18
5×5.8
27
22
220
4×5.8
22
5×5.8
30
5×5.8
30
6.3×5.8
44
33
330
5×5.8
35
5×5.8
36
6.3×5.8
48
6.3×5.8
50
6.3×7.7
63
47
470
5×5.8
38
6.3×5.8
50
6.3×5.8
50
(8×6.2)
(63_
6.3×7.7
81
6.3×7.7
81
100
101
6.3×5.8
69
(8×6.2)
(81)
(8×6.2)
(81)
8×10.5
116
6.3×7.7
85
150
151
(8×6.2)
(85)
8×10.5
125
8×10.5
125
10×10.5
320
6.3×7.7
120
220
221
(8×6.2)
(120)
8×10.5
141
10×10.5
216
10×10.5
320
330
331
8×10.5
290
10×10.5
290
10×10.5
290
10×10.5
320
12.5×13.5
400
470
471
10×10.5
320
10×10.5
320
10×10.5
320
(10×13.5)
(350)
680
681
10×10.5
320
10×10.5
320
10×13.5
420
12.5×13.5
415
1000
102
10×10.5
410
10×13.5
390
12.5×13.5
550
12.5×13.5
460
1500
152
10×13.5
450
12.5×13.5
480
12.5×13.5
650
12.5×16
700
12.5×16
750
2200
222
12.5×13.5
680
(12.5×13.5)
(510)
16×16.5
800
12.5×16
850
3300
332
(12.5×13.5)
(800)
16×16.5
800
Case Size
Ripple
Current
SMD Aluminum Electrolytic Capacitor – JCL
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com