Electronic Components Datasheet Search
  English  ▼

X  

JCL Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JCL
Description  Load life of 3000~5000 hours
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCL Datasheet(HTML) 3 Page - jb Capacitors Company

  JCL Datasheet HTML 1Page - jb Capacitors Company JCL Datasheet HTML 2Page - jb Capacitors Company JCL Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT
Case Size ØD×L(mm),ripple current(mA rms) at 105℃ 120Hz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Ø 4~ Ø 10
0.70
1.00
1.17
1.36
1.50
~68μF
0.75
1.00
1.35
1.57
2.00
100~470μF
0.80
1.00
1.23
1.34
1.50
Coefficient
Ø 12.5~ Ø 16
680~3300μF
0.85
1.00
1.10
1.13
1.15
Please visit our website to get more update data, those data & specification are subject to change without notice.
35
50
63
100
WV
Cap. (μF)
1V
1H
1J
2A
0.1
0R1
4×5.8
1.0
0.22
R22
4×5.8
2.6
0.33
R33
4×5.8
3.2
0.47
R47
4×5.8
5
1
010
4×5.8
8
2.2
2R2
4×5.8
12
6.3×7.7
30
3.3
3R3
4×5.8
17
(8×6.2)
(30)
4.7
4R7
4×5.8
16
5×5.8
22
8×10.5
50
6.3×7.7
45
10
100
5×5.8
27
6.3×5.8
32
(8×6.2)
(45)
8×10.5
55
6.3×7.7
58
22
220
6.3×5.8
44
(8×6.2)
(58)
8×10.5
65
10×10.5
70
6.3×7.7
57
33
330
(8×6.2)
(57)
8×10.5
140
10×10.5
80
10×10.5
80
12.5×13.5
250
47
470
8×10.5
92
10×10.5
310
10×10.5
90
(10×13.5)
(150)
100
101
10×10.5
151
10×10.5
310
10×13.5
150
12.5×13.5
300
150
151
10×10.5
290
10×10.5
310
16×16.5
600
12.5×13.5
340
220
221
10×10.5
375
(10×13.5)
(320)
12.5×13.5
470
12.5×13.5
380
12.5×16
600
16×16.5
650
330
331
(10×13.5)
(375)
(12.5×13.5)
(500)
(12.5×16)
(550)
470
471
12.5×13.5
520
16×16.5
700
680
681
12.5×13.5
550
16×16.5
750
1000
102
(12.5×16)
(600)
Case Size
Ripple Current
SMD Aluminum Electrolytic Capacitor – JCL
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com