Electronic Components Datasheet Search
  English  ▼

X  

JFF Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFF
Description  Miniature size, non-inductive, epoxy dip coated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFF Datasheet(HTML) 2 Page - jb Capacitors Company

  JFF Datasheet HTML 1Page - jb Capacitors Company JFF Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STANDARD SIZE
50V DC
63V DC
100V DC
VDC
Mfd
W
T
H
P
W
T
H
P
W
T
H
P
0.001
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0012
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0015
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0018
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0022
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0027
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0033
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0039
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0047
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0056
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0068
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.0082
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.01
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.012
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.015
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.018
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.022
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.027
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.033
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.039
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.047
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.056
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.068
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.082
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.1
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
7.8
4.2
6.7
5.0
0.12
7.8
4.7
7.7
5.0
7.8
4.7
7.7
5.0
7.8
4.7
7.7
5.0
0.15
7.8
5.0
8.5
5.0
7.8
5.0
8.5
5.0
7.8
5.0
8.5
5.0
0.18
7.8
5.2
8.7
5.0
7.8
5.2
8.7
5.0
7.8
5.2
8.7
5.0
0.22
7.8
5.7
9.5
5.0
7.8
5.7
9.5
5.0
7.8
5.7
9.5
5.0
0.27
7.8
6.0
10.0
5.0
7.8
6.0
10.0
5.0
7.8
6.0
10.0
5.0
0.33
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
0.39
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
0.47
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
7.8
6.0
10.2
5.0
0.56
7.8
6.5
10.5
5.0
7.8
6.5
10.5
5.0
7.8
6.5
10.5
5.0
0.68
7.8
6.7
11.2
5.0
7.8
6.7
11.2
5.0
7.8
6.7
11.2
5.0
0.82
7.8
7.2
11.7
5.0
7.8
7.2
11.7
5.0
7.8
7.2
11.7
5.0
1
7.8
7.5
12.0
5.0
7.8
7.5
12.0
5.0
7.8
7.5
12.0
5.0
1.2
7.8
7.7
12.0
5.0
7.8
7.7
12.0
5.0
7.8
7.7
12.0
5.0
Please visit our website to get more update data, those data & specification are subject to change without notice.
Mini Laser Met Polyester Film Capacitor – JFF
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com