Electronic Components Datasheet Search
  English  ▼

X  

JFF Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFF
Description  Miniature size, non-inductive, epoxy dip coated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFF Datasheet(HTML) 1 Page - jb Capacitors Company

  JFF Datasheet HTML 1Page - jb Capacitors Company JFF Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
Miniature size, non-inductive, epoxy dip coated.
Ø
Very small size, Epoxy coating, flame retardant to UL49V-0.
Ø
High performance and efficencies.
Ø
Self-healing metallized polyester dielectric, non-inductive construction.
APPLICATIONS
Ø
Multi-purpose
Ø
Blocking & coupling
Ø
By-passing & filtering, Timming
SPECIFICATIONS
Operating Tem. Range
-40℃~ +85℃ (up to 100℃ – derate voltage 1.25% per ℃)
Rated Voltage
50/63V, 100V, 250V, 400V, 630V, 1000V.DC
Capacitance Range
0.001 ~ 1.2μF
Capacitance Tolerance
±5%, ±10%
Tangent of Loss Angle
0.008 or Less (at 1KHz +25℃)
Insulation Resistance
Voltage Charge: 1min at +25℃ ±5℃
50V.DC for VR<100V.DC for VR
100V.DC
9,000 or more
C 0.33μF
5000s or more
C>0.33μF
Voltage Proof
1.6 x VR applied for 2 sec +25℃
±5℃ (Between Terminal)
Endurance
+85℃ ±2℃, 1.25 x VR, 1000Hr
Cap Change: <±5%, DF Change: <50x10- at 1KHz
Insulation Resistance: <50% of limit value
Damp Heat
+40℃ ±2℃, 93% ±2%, 21 days
Cap Change: <±5%, DF Change: <50x10- at 1KHz
Insulation Resistance: <50% of limit value
Construction
Non-inductive wound metallized polyester film
Epoxy dipped encasement, Flame retardant to UL94V-0
Lead Material Color of
Solder coated or Tinned solid wire
Body Markings
Orange / Brown
Capacitance, Tolerance, Voltage
When space permits, Capacitor Type will be marked
DRAWING
l
Straight lead
l
Formed lead
Please visit our website to get more update data, those data & specification are subject to change without notice.
Mini Laser Met Polyester Film Capacitor – JFF
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Description - JFF

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
logo
Suntan Capacitors
TS03Q SUNTAN-TS03Q Datasheet
341Kb / 3P
POLYESTER FILM CAPACITOR - EPOXY DIP COATED - NON-INDUCTIVE
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
Inductive welded construction epoxy dip coated
JFB JBCAPACITORS-JFB Datasheet
302Kb / 2P
Non-inductive, extended foil, dip coated, high moisture resistance
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
JFE JBCAPACITORS-JFE Datasheet
239Kb / 2P
Miniature size, non-inductive, epoxy dip coated
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
SRM SURGE-SRM Datasheet
20Kb / 1P
EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
SRMA SURGE-SRMA Datasheet
267Kb / 1P
EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD, REDUCED SIZES
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com