Electronic Components Datasheet Search
  English  ▼

X  

JFZ Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFZ
Description  Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFZ Datasheet(HTML) 2 Page - jb Capacitors Company

  JFZ Datasheet HTML 1Page - jb Capacitors Company JFZ Datasheet HTML 2Page - jb Capacitors Company JFZ Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Interference Suppression Capacitors (Class X2, 310VAC)
DRAWING:
Dimensions Table for 310V AC:
(Unit: mm)
A type
Part# Bulk Package (Loose in Box)
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
Standard leads 20mm Min
0.0022
13.0
5.0
11.0
10.0
0.6
JFZ0A9222K100000B
0.0027
13.0
5.0
11.0
10.0
0.6
JFZ0A9272K100000B
0.0033
13.0
5.0
11.0
10.0
0.6
JFZ0A9332K100000B
0.0047
13.0
5.0
11.0
10.0
0.6
JFZ0A9472K100000B
0.0056
13.0
5.0
11.0
10.0
0.6
JFZ0A9562K100000B
0.0068
13.0
5.0
11.0
10.0
0.6
JFZ0A9682K100000B
0.0082
13.0
5.0
11.0
10.0
0.6
JFZ0A9822K100000B
0.01
18.0
5.0
11.0
15.0
0.6
JFZ0A9103K150000B
0.012
13.0
5.0
11.0
10.0
0.6
JFZ0A9123K100000B
0.015
13.0
5.0
11.0
10.0
0.6
JFZ0A9153K100000B
0.018
13.0
5.0
11.0
10.0
0.6
JFZ0A9183K100000B
0.022
18.0
5.0
11.0
15.0
0.6
JFZ0A9223K150000B
0.027
13.0
5.0
11.0
10.0
0.6
JFZ0A9273K100000B
0.033
18.0
5.0
11.0
15.0
0.6
JFZ0A9333K150000B
0.039
13.0
5.0
11.0
10.0
0.6
JFZ0A9393K100000B
0.047
18.0
5.0
11.0
15.0
0.6
JFZ0A9473K150000B
0.056
18.0
5.0
11.0
15.0
0.6
JFZ0A9563K150000B
0.068
18.0
5.0
11.0
15.0
0.6
JFZ0A9683K150000B
0.082
18.0
6.0
12.0
15.0
0.8
JFZ0A9823K150000B
0.1
18.0
6.0
12.0
15.0
0.8
JFZ0A9104K150000B
0.12
18.0
6.0
12.0
15.0
0.8
JFZ0A9124K150000B
0.15
18.0
6.0
12.0
15.0
0.8
JFZ0A9154K150000B
0.15
26.5
6.0
15.0
22.0
0.8
JFZ0A9154K220000B
*Please contact us for special item or size not listed .
Please visit our website to get more update data, those data & specification are subject to change without notice.
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
X2 Metallized Polypropylene Film Capacitor – JFZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com