Electronic Components Datasheet Search
  English  ▼

X  

JFZ Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFZ
Description  Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFZ Datasheet(HTML) 1 Page - jb Capacitors Company

  JFZ Datasheet HTML 1Page - jb Capacitors Company JFZ Datasheet HTML 2Page - jb Capacitors Company JFZ Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Interference Suppression Capacitors (Class X2, 310VAC)
SAFETY APPROVALS:
LOGO
MARK
COUNTRY
APPROVAL
STANDARD
APPROVAL
NO.
CLASS
CAP.
RANGE
RATED VOLTAGE
VDE
GERMANY
DIN EN 60384-14
(VDE 0565 Teil 1-1)
40041888
X2
0.001 to
10.0μF
310/305/300/275/250VAC
ENEC
EUROPE
EN 60384-14;
IEC 60384-14
40041888
X2
0.001 to
10.0μF
310/305/300/275/250VAC
cUL,
UL
CANADA/U.S.A
UL/IEC 60384-14
E344970
X2
0.001 to
10.0μF
310/305/300/275/250VAC
ENEC mark has replaced all the following European National marks:
X2 Metallized Polypropylene Film Capacitor – JFZ
FEATURES
Ø
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin.
Ø
Provides interference suppression with VDE, ENEC and UL approvals.
SPECIFICATIONS
Operating Temperature
-40℃~ +110℃
Voltage Rating
310VAC
Capacitance Range
0.0022 ~ 2.2μF
Capacitance Tolerance
±
10% (K) standard,
Package
Bulk, Ammo Tape Package
Insulation Resistance
CR≤0.33 μF, I.R≥15,000MΩ
CR>0.33 μF, I.R≥5,000S (20℃,100V,1min)
Dissipation Factor
0.0010μF≤CR≤0.47μF ≤0.1% (1KHz,20℃)
0.47μF≤CR≤1.0μF ≤0.2% (1KHz,20℃)
1.0μF≤CR≤10μF≤0.3% (1KHz,20℃)
Voltage Proof
4.3UR DC /5s
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JFZ

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFZA JBCAPACITORS-JFZA Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
JFZAA9103K100000B JBCAPACITORS-JFZAA9103K100000B Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
JFZAA9103K150000B JBCAPACITORS-JFZAA9103K150000B Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
JFZAA9104K100000B JBCAPACITORS-JFZAA9104K100000B Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
JFZAA9104K150000B JBCAPACITORS-JFZAA9104K150000B Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
More results

Similar Description - JFZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECQP1H101JZW PANASONICBATTERY-ECQP1H101JZW Datasheet
102Kb / 6P
Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
Non-inductive, coated with epoxy resin or flame retardant epoxy power
JFD JBCAPACITORS-JFD Datasheet
344Kb / 2P
Non-inductive, plastic case and epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com